Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT82C596B Datasheet(PDF) 81 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 81 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 77Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 78Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 79Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 80Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 81Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 82Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 83Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 84Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 85Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-75-
Function 3 Registers - Power Management and SMBus
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
I/O Offset 2D-2C - Global Control (GBL_CTL) ............RW
15-12 Reserved
........................................ always reads 0
11
IDE Secondary Bus Power Off
0
Disable ...................................................default
1Enable
10
IDE Primary Bus Power Off
0
Disable ...................................................default
1Enable
9
Reserved
........................................ always reads 0
8
SMI Active (INSMI)
0
SMI Inactive...........................................default
1
SMI Active. If the SMIIG bit is set, this bit
needs to be written with a 1 to clear it before
the next SMI can be generated.
7
LID Triggering Polarity
0
Rising Edge ............................................default
1
Falling Edge
6
THRM# Triggering Polarity
0
Rising Edge ............................................default
1
Falling Edge
5
Disable Battery Low Resume
0
Enable resume ........................................default
1
Disable
resume
from
suspend
when
BATLOW# is asserted
4
SMI Lock (SMIIG)
0
Disable SMI Lock
1
Enable SMI Lock (SMI low to gate for the
next SMI) ...............................................default
3
Wait for Halt / Stop Grant Cycle for STPCLK#
Assertion
0
Don’t wait...............................................default
1Wait
This bit works with Rx4C[7] of PCI configuration
space to control the start of STPCLK# assertion.
2
Power Button Triggering
0
SCI/SMI generated by PWRBTN# rising edge
1
SCI/SMI generated by PWRBTN# low level
Must be set to 1 for ACPI v0.9 compliance.
1
BIOS Release (BIOS_RLS)
This bit is set by legacy software to indicate release
of the SCI/SMI lock.
Upon setting of this bit,
hardware automatically sets the GBL_STS bit. This
bit is cleared by hardware when the GBL_STS bit
cleared by software.
Note that if the GBL_EN bit is set (bit-5 of the Power
Management Enable register at offset 2), then setting
this bit causes an SCI to be generated (because setting
this bit causes the GBL_STS bit to be set).
0
SMI Enable (SMI_EN)
0
Disable all SMI generation
1
Enable SMI generation
I/O Offset 2F - SMI Command (SMI_CMD) ................. RW
7-0
SMI Command
Writing to this port sets the SW_SMI_STS bit. Note
that if the SW_SMI_EN bit is set (see bit-6 of the
Global Enable register at offset 2Ah), then an SMI is
generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com