Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT82C596B Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 25Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 26Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 27Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 28Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 29Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 30Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 31Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 32Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-23-
Register Overview
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
PCI Function 0 Registers - PCI-to-ISA Bridge
Configuration Space PCI-to-ISA Bridge Header Registers
Offset PCI Configuration Space Header
Default
Acc
1-0
Vendor ID
1106
RO
3-2
Device ID
0596
RO
5-4
Command
0087
RW
7-6
Status
0200
WC
8
Revision ID
nn
RO
9
Programming Interface
00
RO
A
Sub Class Code
01
RO
B
Base Class Code
06
RO
C
-reserved- (cache line size)
00
—
D
-reserved- (latency timer)
00
—
E
Header Type
80
RO
F
Built In Self Test (BIST)
00
RO
10-27 -reserved- (base address registers)
00
—
28-2B -reserved- (unassigned)
00
—
2F-2C Subsystem ID Read
00
RO
30-33 -reserved- (expan. ROM base addr)
00
—
34-3B -reserved- (unassigned)
00
—
3C
-reserved- (interrupt line)
00
—
3D
-reserved- (interrupt pin)
00
—
3E
-reserved- (min gnt)
00
—
3F
-reserved- (max lat)
00
—
Configuration Space PCI-to-ISA Bridge-Specific Registers
Offset ISA Bus Control
Default
Acc
40
ISA Bus Control
00
RW
41
ISA Test Mode
00
RW
42
ISA Clock Control
00
RW
43
ROM Decode Control
00
RW
44
Keyboard Controller Control
00
RW
45
Type F DMA Control
00
RW
46
Miscellaneous Control 1
00
RW
47
Miscellaneous Control 2
00
RW
48
Miscellaneous Control 3
01
RW
49
-reserved-
00
—
4A
IDE Interrupt Routing
04
RW
4B
-reserved-
00
—
4C
DMA / Master Mem Access Control 1
00
RW
4D
DMA / Master Mem Access Control 2
00
RW
4F-4E DMA / Master Mem Access Control 3
0300
RW
Configuration Space PCI-to-ISA Bridge-Specific Registers
Offset Plug and Play Control
Default
Acc
50
-reserved- (do not program)
24
RW
51-53 -reserved-
00
—
54
PCI IRQ Edge / Level Selection
00
RW
55
PnP Routing for External MIRQ0-1
00
RW
56
PnP Routing for PCI INTB-A
00
RW
57
PnP Routing for PCI INTD-C
00
RW
58
PnP Routing for External MIRQ2
00
RW
59
PIRQ Pin Configuration
04
RW
5A
KBC / RTC Control
x4†
RW
5B
Internal RTC Test Mode
00
RW
5C
DMA Control
00
RW
5F-5D -reserved-
00
—
† Bit 7-4 power-up default value depends on external strapping
Offset Distributed DMA
Default
Acc
61-60 Channel 0 Base Address / Enable
0000
RW
63-62 Channel 1 Base Address / Enable
0000
RW
65-64 Channel 2 Base Address / Enable
0000
RW
67-66 Channel 3 Base Address / Enable
0000
RW
69-68 Serial IRQ Control
0000
RW
6B-6A Channel 5 Base Address / Enable
0000
RW
6D-6C Channel 6 Base Address / Enable
0000
RW
6F-6E Channel 7 Base Address / Enable
0000
RW
Offset Miscellaneous
Default
Acc
70
Subsystem ID Write
00
WO
71-73 -reserved-
00
—
77-74 GPIO / Chip Select Control
0000 0000 RW
7B-78 Programmable Chip Select Control
0000 0000 RW
7F-7C PC/PCI Control
0000 0000 RW
80
Programmable Chip Select Mask
00
RW
81
ISA Positive Decoding Control 1
00
RW
82
ISA Positive Decoding Control 2
00
RW
83
ISA Positive Decoding Control 3
00
RW
84
ISA Positive Decoding Control 4
00
RW
85-86 -reserved-
00
—
87
Test 1
00
RW
88
Test 2
00
RW
89
PLL Control
00
RW
8A-FF -reserved-
00
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com