Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT82C596B Datasheet(PDF) 88 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 88 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 84Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 85Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 86Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 87Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 88Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 89Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 90Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 91Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 92Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-82-
Electrical Specifications
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Ambient operating temperature
0
70
oC
Storage temperature
-55
125
oC
Input voltage
-0.5
5.5
Volts
Output voltage (VCC = 5V)
-0.5
5.5
Volts
Output voltage (VCC = 3.1 - 3.6V)
-0.5
VCC + 0.5
Volts
Note: Stress above the conditions listed may cause permanent damage to the
device.
Functional operation of this device should be restricted to the
conditions described under operating conditions.
DC Characteristics
TA-0-70oC, VCC=5V+/-5%, GND=0V
Symbol
Parameter
Min
Max
Unit
Condition
VIL
Input low voltage
-0.50
0.8
V
VIH
Input high voltage
2.0
VCC+0.5
V
VOL
Output low voltage
-
0.45
V
IOL=4.0mA
VOH
Output high voltage
2.4
-
V
IOH=-1.0mA
IIL
Input leakage current
-
+/-10
uA
0<VIN<VCC
IOZ
Tristate leakage current
-
+/-20
uA
0.45<VOUT<VCC
ICC
Power supply current
-
80
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com