Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT82C596B Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 66Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 67Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 68Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 69Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 70Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 71Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 72Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 73Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-64-
Function 3 Registers - Power Management and SMBus
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 5B-58 – GP2/3 Timer Control (0000 0000h) ........RW
31-24 Reserved
........................................ always reads 0
23-16 GP3 Timer Count Value (base defined by bits 5-4)
Write to load count value; Read to get current count
15-8 GP2 Timer Count Value (base defined by bits 1-0)
Write to load count value; Read to get current count
7
GP3 Timer Start
On setting this bit to 1, the GP3 timer loads the value
defined by bits 23-16 of this register and starts
counting down.
The GP3 timer is reloaded at the
occurrence of certain peripheral events enabled in the
GP
Timer
Reload
Enable
Register
(Power
Management I/O Space Offset 38h). If no such event
occurs and the GP3 timer counts down to zero, then
the GP3 Timer Timeout Status bit is set to one (bit-13
of the Global Status register at Power Management
Register I/O Space Offset 28h). Additionally, if the
GP3 Timer Timeout Enable bit is set (bit-13 of the
Global
Enable
register
at
Power
Management
Register I/O Space Offset 2Ah), then an SMI is
generated.
6
GP3 Timer Automatic Reload
This bit is set to one to enable the GP3 timer to reload
automatically after counting down to 0.
5-4
GP3 Timer Base
00 Disable ...................................................default
01 1/4 msec
10 1 second
11 1 minute
3
GP2 Timer Start
On setting this bit to 1, the GP2 timer loads the value
defined by bits 15-8 of this register and starts
counting down.
The GP2 timer is reloaded at the
occurrence of certain peripheral events enabled in the
GP
Timer
Reload
Enable
Register
(Power
Management I/O Space Offset 38h). If no such event
occurs and the GP2 timer counts down to zero, then
the GP2 Timer Timeout Status bit is set to one (bit-12
of the Global Status register at Power Management
Register I/O Space Offset 28h). Additionally, if the
GP2 Timer Timeout Enable bit is set (bit-12 of the
Global
Enable
register
at
Power
Management
Register I/O Space Offset 2Ah), then an SMI is
generated.
2
GP2 Timer Automatic Reload
This bit is set to one to enable the GP2 timer to reload
automatically after counting down to 0.
1-0
GP2 Timer Base
00 Disable ...................................................default
01 1/16 second
10 1 second
11 1 minute
Offset 61 - Programming Interface Read Value ............ WO
7-0
Rx09 Read Value
The value returned by the register at offset 9h (Programming
Interface) may be changed by writing the desired value to this
location.
Offset 62 - Sub Class Read Value .................................... WO
7-0
Rx0A Read Value
The value returned by the register at offset 0Ah (Sub Class
Code) may be changed by writing the desired value to this
location.
Offset 63 - Base Class Read Value................................... WO
7-0
Rx0B Read Value
The value returned by the register at offset 0Bh (Base Class
Code) may be changed by writing the desired value to this
location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com