| Electronic Components Datasheet Search |
|
VT82C596B Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VT82C596B Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers |
|
15 / 96 page ![]() VT82C596B Revision 0.3 June 17, 1999 -9- Pinouts 7HFKQRORJLHV ,QF :H &RQQHFW :H &RQQHFW UltraDMA-33 / 66 Enhanced IDE Interface Signal Name Pin # I/O Signal Description PDRDY / PDDMARDY# / PDSTROBE G20 I EIDE Mode: Primary I/O Channel Ready. Device ready indicator UltraDMA Mode: Primary Device DMA Ready. Output flow control. The device may assert PDDMARDY# to pause output transfers Primary Device Strobe. Input data strobe (both edges). The device may stop PDSTROBE to pause input data transfers SDRDY / SDDMARDY# / SDSTROBE D16 I EIDE Mode: Secondary I/O Channel Ready. Device ready indicator UltraDMA Mode: Secondary Device DMA Ready. Output flow control. The device may assert SDDMARDY# to pause output transfers Secondary Device Strobe. Input data strobe (both edges). The device may stop SDSTROBE to pause input data transfers PDIOR# / PHDMARDY# / PHSTROBE F17 O EIDE Mode: Primary Device I/O Read. Device read strobe UltraDMA Mode: Primary Host DMA Ready. Primary channel input flow control. The host may assert PHDMARDY# to pause input transfers Primary Host Strobe. Output data strobe (both edges). The host may stop PHSTROBE to pause output data transfers SDIOR# / SHDMARDY# / SHSTROBE C16 O EIDE Mode: Secondary Device I/O Read. Device read strobe UltraDMA Mode: Secondary Host DMA Ready. Input flow control. The host may assert SHDMARDY# to pause input transfers Host Strobe B. Output strobe (both edges). The host may stop SHSTROBE to pause output data transfers PDIOW# / PSTOP F16 O EIDE Mode: Primary Device I/O Write. Device write strobe UltraDMA Mode: Primary Stop. Stop transfer: Asserted by the host prior to initiation of an UltraDMA burst; negated by the host before data is transferred in an UltraDMA burst. Assertion of STOP by the host during or after data transfer in UltraDMA mode signals the termination of the burst. SDIOW# / SSTOP B16 O EIDE Mode: Secondary Device I/O Write. Device write strobe UltraDMA Mode: Secondary Stop. Stop transfer: Asserted by the host prior to initiation of an UltraDMA burst; negated by the host before data is transferred in an UltraDMA burst. Assertion of STOP by the host during or after data transfer in UltraDMA mode signals the termination of the burst. PDDRQ F18 I Primary Device DMA Request. Primary channel DMA request SDDRQ A16 I Secondary Device DMA Request. Secondary channel DMA request PDDACK# G19 O Primary Device DMA Acknowledge. Primary channel DMA acknowledge SDDACK# A17 O Secondary Device DMA Acknowledge. Secondary channel DMA acknowledge |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |