| Electronic Components Datasheet Search |
|
VT82C596B Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VT82C596B Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers |
|
38 / 96 page ![]() VT82C596B Revision 0.3 June 17, 1999 -32- Register Descriptions - Legacy I/O Ports 7HFKQRORJLHV ,QF :H &RQQHFW :H &RQQHFW DMA Controller I/O Registers Ports 00-0F - Master DMA Controller Channels 0-3 of the Master DMA Controller control System DMA Channels 0-3. There are 16 Master DMA Controller registers: I/O Address Bits 15-0 Register Name 0000 0000 000x 0000 Ch 0 Base / Current Address RW 0000 0000 000x 0001 Ch 0 Base / Current Count RW 0000 0000 000x 0010 Ch 1 Base / Current Address RW 0000 0000 000x 0011 Ch 1 Base / Current Count RW 0000 0000 000x 0100 Ch 2 Base / Current Address RW 0000 0000 000x 0101 Ch 2 Base / Current Count RW 0000 0000 000x 0110 Ch 3 Base / Current Address RW 0000 0000 000x 0111 Ch 3 Base / Current Count RW 0000 0000 000x 1000 Status / Command RW 0000 0000 000x 1001 Write Request WO 0000 0000 000x 1010 Write Single Mask WO 0000 0000 000x 1011 Write Mode WO 0000 0000 000x 1100 Clear Byte Pointer F/F WO 0000 0000 000x 1101 Master Clear WO 0000 0000 000x 1110 Clear Mask WO 0000 0000 000x 1111 R/W All Mask Bits RW Note that not all bits of the address are decoded. The Master DMA Controller is compatible with the Intel 8237 DMA Controller chip. Detailed descriptions of 8237 DMA Controller operation can be obtained from the Intel Peripheral Components Data Book and numerous other industry publications. Ports C0-DF - Slave DMA Controller Channels 0-3 of the Slave DMA Controller control System DMA Channels 4-7. There are 16 Slave DMA Controller registers: I/O Address Bits 15-0 Register Name 0000 0000 1100 000x Ch 0 Base / Current Address RW 0000 0000 1100 001x Ch 0 Base / Current Count RW 0000 0000 1100 010x Ch 1 Base / Current Address RW 0000 0000 1100 011x Ch 1 Base / Current Count RW 0000 0000 1100 100x Ch 2 Base / Current Address RW 0000 0000 1100 101x Ch 2 Base / Current Count RW 0000 0000 1100 110x Ch 3 Base / Current Address RW 0000 0000 1100 111x Ch 3 Base / Current Count RW 0000 0000 1101 000x Status / Command RW 0000 0000 1101 001x Write Request WO 0000 0000 1101 010x Write Single Mask WO 0000 0000 1101 011x Write Mode WO 0000 0000 1101 100x Clear Byte Pointer F/F WO 0000 0000 1101 101x Master Clear WO 0000 0000 1101 110x Clear Mask WO 0000 0000 1101 111x Read/Write All Mask Bits WO Note that not all bits of the address are decoded. The Slave DMA Controller is compatible with the Intel 8237 DMA Controller chip. Detailed description of 8237 DMA controller operation can be obtained from the Intel Peripheral Components Data Book and numerous other industry publications. Ports 80-8F - DMA Page Registers There are eight DMA Page Registers, one for each DMA channel. These registers provide bits 16-23 of the 24-bit address for each DMA channel (bits 0-15 are stored in registers in the Master and Slave DMA Controllers). They are located at the following I/O Port addresses: I/O Address Bits 15-0 Register Name 0000 0000 1000 0111 Channel 0 DMA Page (M-0).........RW 0000 0000 1000 0011 Channel 1 DMA Page (M-1).........RW 0000 0000 1000 0001 Channel 2 DMA Page (M-2).........RW 0000 0000 1000 0010 Channel 3 DMA Page (M-3).........RW 0000 0000 1000 1111 Channel 4 DMA Page (S-0) ..........RW 0000 0000 1000 1011 Channel 5 DMA Page (S-1) ..........RW 0000 0000 1000 1001 Channel 6 DMA Page (S-2) ..........RW 0000 0000 1000 1010 Channel 7 DMA Page (S-3) .........RW |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |