Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT82C596B Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 53Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 54Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 55Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 56Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 57Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 58Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 59Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 60Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-51-
Function 1 Registers - Enhanced IDE Controller
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 4B-48 - Drive Timing Control ...............................RW
The following fields define the Active Pulse Width and
Recovery Time for the IDE DIOR# and DIOW# signals:
31-28 Primary Drive 0 Active Pulse Width ...... def=1010b
27-24 Primary Drive 0 Recovery Time ............. def=1000b
23-20 Primary Drive 1 Active Pulse Width ...... def=1010b
19-16 Primary Drive 1 Recovery Time ............. def=1000b
15-12 Secondary Drive 0 Active Pulse Width .. def=1010b
11-8 Secondary Drive 0 Recovery Time ......... def=1000b
7-4
Secondary Drive 1 Active Pulse Width .. def=1010b
3-0
Secondary Drive 1 Recovery Time ......... def=1000b
The actual value for each field is the encoded value in the field
plus one and indicates the number of PCI clocks.
Offset 4C - Address Setup Time.......................................RW
7-6
Primary Drive 0 Address Setup Time
5-4
Primary Drive 1 Address Setup Time
3-2
Secondary Drive 0 Address Setup Time
1-0
Secondary Drive 1 Address Setup Time
For each field above:
00 1T
01 2T
10 3T
11 4T
.....................................................default
Offset 4E - Secondary Non-1F0 Port Access Timing......RW
7-4
DIOR#/DIOW# Active Pulse Width....... def=1111b
3-0
DIOR#/DIOW# Recovery Time.............. def=1111b
The actual value for each field is the encoded value in
the field plus one and indicates the number of PCI
clocks.
Offset 4F - Primary Non-1F0 Port Access Timing` ........RW
7-4
DIOR#/DIOW# Active Pulse Width....... def=1111b
3-0
DIOR#/DIOW# Recovery Time.............. def=1111b
The actual value for each field is the encoded value in
the field plus one and indicates the number of PCI
clocks.
Offset 53-50 - UltraDMA Extended Timing Control ..... RW
31
Pri Drive 0 UltraDMA-Mode Enable Method
0
Enable by using “Set Feature” command..... def
1
Enable by setting bit-30 of this register
30
Pri Drive 0 UltraDMA-Mode Enable
0
Disable................................................... default
1
Enable UltraDMA-Mode Operation
29
Pri Drive 0 Transfer Mode
0
Based on DMA or PIO Mode ............... default
1
Based on UltraDMA Mode
28-26 Reserved
........................................ always reads 0
25-24 Pri Drive 0 Cycle Time (T = 30nsec @33MHz)
00 2T
01 3T
10 4T
11 5T
.................................................... default
23
Pri Drive 1 UltraDMA-Mode Enable Method
22
Pri Drive 1 UltraDMA-Mode Enable
21
Pri Drive 1 Transfer Mode
20
Reserved
........................................ always reads 0
19
Pri Clock Source
0
33 MHz.................................................. default
1
66 MHz
18
Reserved
........................................ always reads 0
17-16 Pri Drive 1 Cycle Time
15
Sec Drive 0 UltraDMA-Mode Enable Method
14
Sec Drive 0 UltraDMA-Mode Enable
13
Sec Drive 0 Transfer Mode
12-10 Reserved
........................................ always reads 0
9-8
Sec Drive 0 Cycle Time
7
Sec Drive 1 UltraDMA-Mode Enable Method
6
Sec Drive 1 UltraDMA-Mode Enable
5
Sec Drive 1 Transfer Mode
4
Reserved
........................................ always reads 0
3
Sec Clock Source
0
33 MHz.................................................. default
1
66 MHz
2
Reserved
........................................ always reads 0
1-0
Sec Drive 1 Cycle Time
Each byte defines UltraDMA operation for the indicated drive.
The bit definitions are the same within each byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com