Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT82C596B Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 54Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 55Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 56Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 57Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 58Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 59Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 60Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 61Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-52-
Function 1 Registers - Enhanced IDE Controller
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 54 – UltraDMA FIFO Control..............................RW
7-5
Reserved (Do Not Program).............. RW, default=0
4
Split REQ Change Channel
0
Enable ....................................................default
1
Disable
3
Reserved
........................................ always reads 0
2
Change Drive to Clear All FIFO & Internal States
0
Disabled
1
Enabled ..................................................default
1
Add Dummy FIFO Push After End of Transfer
0Enabled
1
Disabled ................................................default
This bit is normally set to 0 for effective handling of
transfer lengths that are not doubleword multiples
0
Complete DMA Cycle with Transfer Size Less
Than FIFO Size
0
Enabled...................................................default
1
Disabled
Offset 61-60 - Primary Sector Size .................................. RW
15-12 Reserved
........................................ always reads 0
11-0 Number of Bytes Per Sector ................ default=200h
Offset 69-68 - Secondary Sector Size .............................. RW
15-12 Reserved
........................................ always reads 0
11-0 Number of Bytes Per Sector ... def=200h (512 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com