Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT82C596B Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # VT82C596B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596B Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button VT82C596B Datasheet HTML 22Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 23Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 24Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 25Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 26Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 27Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 28Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 29Page - List of Unclassifed Manufacturers VT82C596B Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 96 page
background image
VT82C596B
Revision 0.3 June 17, 1999
-20-
Pinouts
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Resets and Clocks
Signal Name
Pin #
I/O
Signal Description
PWRGD
M18
I
Power Good. Connected to the PWRGOOD signal on the Power Supply.
PCIRST#
A1
O
PCI Reset. Active low reset signal for the PCI bus. The VT82C596B will assert
this pin during power-up or from the control register.
RSTDRV
W1
O
Reset Drive. Reset signal to the ISA bus.
BCLK
T7
O
Bus Clock. ISA bus clock.
OSC
V11
I
Oscillator. 14.31818 MHz clock signal used by the internal Timer.
SUSCLK
P17
O
Suspend Clock.
32.768 KHz output clock for use by the North Bridge (e.g.,
VT82C598 Apollo MVP3) for DRAM refresh purposes. Stopped during Suspend-to-
Disk and Soft-Off modes.
Configuration and Test
Signal Name
Pin #
I/O
Signal Description
CFG1
R17
I
Configuration 1. Used to select the CPU type (0=Socket-7, 1=Slot-1). Determines
the polarity of the INIT and CPURST signals.
CFG2
R18
I
Configuration 2. Used to select the type of decoding for the top 64 Kbytes of
memory (FFFF0000h-FFFFFFFFh): 0 = Positive decode, 1 = Subtractive decode.
TEST#
V18
I
Test. Used to select chip test modes. Pulled up externally to VCCSUS for normal
operation.
Power and Ground
Signal Name
Pin #
I/O
Signal Description
VCC
E9, E11, E12,
E16, F5, F6,
F14, F15, G6,
P15, R6, R7,
R15, T6
P
Core Power. 3.3V nominal (3.15V to 3.45V). This supply is turned on only when
the mechanical switch on the power supply is turned on and the PWRON signal is
conditioned high. This pin should be connected to the same voltage as the CPU I/O
circuitry.
VREF
J16
P
Voltage Reference. 5V nominal (4.75 to 5.25) to provide 5V input tolerance. This
voltage should be on only when the mechanical switch on the power supply is turned
on and the PWRON signal is conditioned high.
VCCSUS
N16, R16
P
Suspend Power. Always available unless the mechanical switch of the power supply
is turned off.
If the "soft-off" state is not implemented, then this pin can be
connected to VCC. Signals powered by or referenced to this plane are: BATLOW#,
CFG1-2, EXTSMI#, GPI1, GPO8, IRQ8#, LID, RI#, SMBALRT#, SMBCLK,
SMBDATA, PWRBTN#, SUS[A-C]#, SUSCLK, SUSST[1-2]#, TEST#, PWROK,
RSMRST#.
VBAT
L16
P
RTC Battery. Battery input for internal RTC (RTCX1, RTCX2)
VCCUSB
K5
P
USB Differential Output Power Source (USBP0+, P0-, P1+, P1-)
GNDUSB
J5
P
USB Differential Output Ground
GND
D10, E7, E13,
J9-12, K9-12,
L9-12, M9-12
P
Ground
NC
J4, M5, M16,
N3, N18, R5
-
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com