Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 149 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 149 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 145Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 146Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 147Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 148Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 149Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 150Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 151Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 152Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 153Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 269 page
background image
TMS320C6472
www.ti.com
SPRS612G
– JUNE 2009 – REVISED JULY 2011
7.8
PLL1 and PLL1 Controller
The C6472 device includes a PLL1 and a software-programmable PLL1 controller. The PLL1 controller is
able to generate different clocks for different parts of the system (i.e., megamodule, DSP core, Peripheral
Data Bus, and other peripherals). There is no hardware CLKMODE selection on the C6472 device. The
PLL multiply factor is set in software after reset.
NOTE
The PLL controller module as described in the TMS320C6472/TMS320TCI648x DSP
Software-Programmable Phase-Locked Loop (PLL) Controller User's Guide (literature
number SPRU806) includes a superset of features, some of which are not supported on the
C6472 DSP. The following sections describe the features that are supported; it should be
assumed that any feature not included in these sections is not supported by the C6472 DSP.
7.8.1
PLL1 Controller Device-Specific Information
7.8.1.1
Internal Clocks and Maximum Operating Frequencies
As shown in Figure 7-14, the PLL1 controller generates several internal clocks including the system clock
output (SYSCLKOUT) and the system clocks (SYSCLK1 through SYSCLK10). SYSCLK10 has a
programmable divider. All other SYSCLKn clocks have a fixed relationship to the CPU clock.
•
SYSCLK1 through SYSCLK6 are used to clock C64x+ Megamodule0 through C64x+ Megamodule5.
•
SYSCLK7 is used for EDMA3CC, EDMA3TC, DMA SCR, Config SCR, boot controller, bridges, and
some peripherals.
•
SYSCLK8 is used for PSC, some peripherals, and SYSCLKOUT external pin.
•
SYSCLK9 is used for shared memory controller and memory.
•
SYSCLK10 is used for C64x+ megamodule trace logic.
NOTE
There is a minimum and maximum operating frequency for CLKIN1 and SYSCLKn. The
clock generator must not be configured to exceed any of these constraints (certain
combinations of external clock input, internal dividers, and PLL multiply ratios might not be
supported). See Table 7-18 for the PLL clocks input and output frequency ranges.
Copyright
© 2009–2011, Texas Instruments Incorporated
C64x+ Peripheral Information and Electrical Specifications
149
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com