Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6472ECTZ Datasheet(PDF) 148 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 148 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 144Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 145Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 146Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 147Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 148Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 149Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 150Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 151Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 152Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 269 page
background image
LRESETNMIEN
1
2
3
LRESET
NMI
,
,
CORESEL[2:0]
1
BOOTACTIVE
(output)
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
Table 7-16. Timing Requirements for Local Reset(1)
(see Figure 7-12)
500/625/700
NO.
UNIT
MIN
MAX
1
tw(
LRESETNMIEN
)
Width of the LRESETNMIEN pulse
12P
ns
tsu(
LRESET
, NMI, and
Setup time, LRESET, NMI, and CORESEL[2:0] valid before
2
12P
ns
CORESEL[2:0])
LRESETNMIEN low
th(
LRESET
, NMI, and
Hold time, LRESET, NMI, and CORESEL[2:0] valid after LRESETNMIEN
3
12P
ns
CORESEL[2:0])
high
(1)
P = 1/CPU clock frequency in nanoseconds (ns).
Figure 7-12. Local Reset Timing
Table 7-17. Switching Characteristics Over Recommended Operating Conditions for Boot Timing(1)
(see Figure 7-13)
500/625/700
NO.
UNIT
MIN
MAX
1
tw(BOOTACTIVE)
Pulse duration, BOOTACTIVE high edge to BOOTACTIVE low edge
12P
ns
(1)
P = 1/CPU clock frequency in nanoseconds (ns).
Figure 7-13. BOOTACTIVE Timing
148
C64x+ Peripheral Information and Electrical Specifications
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com