| Electronic Components Datasheet Search |
|
TMS320C6472ECTZ Datasheet(PDF) 145 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320C6472ECTZ Datasheet(HTML) 145 Page - Texas Instruments |
|
145 / 269 page ![]() TMS320C6472 www.ti.com SPRS612G – JUNE 2009 – REVISED JULY 2011 7.7.8 Reset Electrical Data/Timing NOTE If a configuration pin must be routed out from the device, the internal pullup/pulldown (IPU/IPD) resistor should not be relied upon; TI recommends the use of an external pullup/pulldown resistor. For Figure 7-9, note the following: • Low group pins consist of all 3.3-V I/O/Z and O/Z pins that have active internal pull-down (IPD) resistors. These pins become low as soon as the DVDD33 power supply has reached normal operating conditions. (These pins are high impedance prior to DVDD33 reaching a valid level.) These pins remain low until configured otherwise by their respective peripheral. For a list of pins containing IPD resistors, see Table 2-5, Terminal Functions. • High group pins consist of all 3.3-V I/O/Z and O/Z pins that have active internal pull-up (IPU) resistors. These pins become high as soon as the DVDD33 power supply has reached normal operating conditions. (These pins are high impedance prior to DVDD33 reaching a valid level.) These pins remain high until configured otherwise by their respective peripheral. For a list of pins containing IPU resistors, see Table 2-5, Terminal Functions. • Z group pins consist of all I/O/Z and O/Z pins associated with I2C, RGMII, DDR2 and RapidIO, as well as 3.3-V pins that have IPU/IPD functionality disabled by one of the six multiplexed GPIO pins. These pins are high impedance prior to power supply ramp and remain that way when their respective power supply has reached normal operating conditions. These pins remain in high impedance until configured otherwise by their respective peripheral. • Each peripheral must be enabled through software to use it following a Power-on Reset; for more details, see Section 7.7.1, Power-on Reset, of this document. • For power-supply sequence requirements, see Section 7.3.1, Power-Supply Sequencing. Copyright © 2009–2011, Texas Instruments Incorporated C64x+ Peripheral Information and Electrical Specifications 145 Submit Documentation Feedback Product Folder Link(s) :TMS320C6472 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |