Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP0100CS Datasheet(PDF) 51 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 51 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 47Page - ON Semiconductor AP0100CS Datasheet HTML 48Page - ON Semiconductor AP0100CS Datasheet HTML 49Page - ON Semiconductor AP0100CS Datasheet HTML 50Page - ON Semiconductor AP0100CS Datasheet HTML 51Page - ON Semiconductor AP0100CS Datasheet HTML 52Page - ON Semiconductor AP0100CS Datasheet HTML 53Page - ON Semiconductor AP0100CS Datasheet HTML 54Page - ON Semiconductor AP0100CS Datasheet HTML 55Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 73 page
background image
AP0100CS/D Rev. 6, Pub. 1/16 EN
51
©Semiconductor Components Industries, LLC,2016.
AP0100CS HDR: Image Signal Processor (ISP)
Host Command Interface
If the host wishes to determine the outcome of the command, it must poll the Command
Register waiting for the doorbell bit to become cleared. This indicates that the firmware
completed processing the command. The contents of the Command Register indicate
the command’s result status. If the command generated response parameters, the host
can now retrieve these from the Parameters Pool.
The host must not write to the Parameters Pool, nor issue another command, until the
previous command completes. This is true even if the host does not care about the result
of the previous command. It is strongly recommended that the host tests that the door-
bell bit is clear before issuing a command.
Synchronous Command Flow
The typical ‘flow’ for synchronous commands is:
1. The host issues a ‘request’ command to perform an operation.
2. The registered command handler is invoked, validates the command parameters,
then performs the operation. The handler returns the command result status to indi-
cate the result of the operation.
3. The host retrieves the command result value, and any associated command response
parameters.
Asynchronous Command Flow
The typical ‘flow’ for asynchronous commands is:
1. The host issues a ‘request’ command to start an operation.
2. The registered command handler is invoked, validates and copies the command
parameters, then signals a separate task to perform the operation. The handler
returns the ENOERR return value to indicate the command was acceptable and is in
progress.
3. The host retrieves the command return value – if it is not ENOERR the host knows that
the command was not accepted and is not in progress.
4. Subsequently, the host issues an appropriate ‘get status’ command to both poll
whether the command has completed, and if so, retrieve any associated response
parameters.
5. The registered command handler is invoked, determines the state of the command
(via shared variables with the processing task), and returns either ‘EBUSY’ to indicate
the command is still in progress, or it returns the result status of the command.
6. The host must re-issue the ‘get status’ command until it does not receive the EBUSY
response.
Asynchronous commands exist to allow the Host to issue multiple commands to the
various subsystems without having to wait for each command to complete. This
prevents the host command interface from being blocked by a long-running command.
Therefore, each asynchronous command has a “Get Status” (or similar) command to
allow the Host to determine when the asynchronous command completes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com