Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP0100CS Datasheet(PDF) 19 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 19 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 15Page - ON Semiconductor AP0100CS Datasheet HTML 16Page - ON Semiconductor AP0100CS Datasheet HTML 17Page - ON Semiconductor AP0100CS Datasheet HTML 18Page - ON Semiconductor AP0100CS Datasheet HTML 19Page - ON Semiconductor AP0100CS Datasheet HTML 20Page - ON Semiconductor AP0100CS Datasheet HTML 21Page - ON Semiconductor AP0100CS Datasheet HTML 22Page - ON Semiconductor AP0100CS Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
AP0100CS/D Rev. 6, Pub. 1/16 EN
19
©Semiconductor Components Industries, LLC,2016.
AP0100CS HDR: Image Signal Processor (ISP)
Image Flow Processor
Image Flow Processor
Image and color processing in the AP0100CS is implemented as an image flow processor
(IFP) coded in hardware logic. During normal operation, the embedded microcontroller
will automatically adjust the operating parameters. For normal operation of the
AP0100CS, streams of raw image data from the attached image sensor are fed into the
color pipeline. The user also has the option to select a number of test patterns to be
input instead of sensor data. The IFP is broken down into different sections, as outlined
in Figure 12.
Figure 12:
AP0100CS IFP
linear or
com panded data
D efect cor r ection
,
N oise r eduction
RX
decom panding
Black level
subtr action
,
D igital gain
contr ol,
PG A
RA W 12- or 20-b it B a ye r
AE, F D and ALT M
stats
1 2 -b it AL T M Ba ye r
Color
Inter polation
ALT M
Color
Cor r ection
Aper tur e
C or r ection
Gam m a
RG B 2YU V
AW B stats
Color Kill
YU V
filter s
Scaler
Cr op
Progressive
T est pattern
generator
ST E
Inter lacer
Over lay
RA W B a ye r
AL T M Ba ye r
RG B
YC b C r
PAL /N T SC
Test patter ns
PAL /N T SC
Encode D AC
Progres s iv e
(Y CbCr or
Bay er)
C C IR656
(Y CbCr)
NT S C /PAL
(Y CbCr)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com