Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP0100CS Datasheet(PDF) 17 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 17 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 13Page - ON Semiconductor AP0100CS Datasheet HTML 14Page - ON Semiconductor AP0100CS Datasheet HTML 15Page - ON Semiconductor AP0100CS Datasheet HTML 16Page - ON Semiconductor AP0100CS Datasheet HTML 17Page - ON Semiconductor AP0100CS Datasheet HTML 18Page - ON Semiconductor AP0100CS Datasheet HTML 19Page - ON Semiconductor AP0100CS Datasheet HTML 20Page - ON Semiconductor AP0100CS Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 73 page
background image
AP0100CS/D Rev. 6, Pub. 1/16 EN
17
©Semiconductor Components Industries, LLC,2016.
AP0100CS HDR: Image Signal Processor (ISP)
Multi-Camera Synchronization Support
Multi-Camera Synchronization Support
The AP0100CS supports multi-camera synchronization through the FRAME_SYNC pin.
The behavior will be different depending if the user is using interlaced or progressive
mode.
When using the interlaced modes, on the rising edge of FRAME_SYNC this will cause the
output to stop the current frame (A) and during B the image output will be indetermi-
nate. On the falling edge of FRAME_SYNC this will cause the re-synchronization to
begin, this will continue for a period (C), during C black fields will be output. The re-
synchronized interlaced signal will be available at D. During C if the user toggles the
FRAME_SYNC input the AP0100CS will ignore it, the user cannot re-synchronize again
until at D.
Figure 9:
Frame Sync Behavior with Interlaced Mode
When using progressive mode, the host (or controlling entity) ‘broadcasts’ a sync-pulse
to all cameras within the system that triggers capture. The AP0100AT will propagate the
signal to the TRIGGER_OUT pin, and subsequently to the attached sensor's TRIGGER
pin.
The AP0100CS supports two different trigger modes when using progressive output. The
first mode supported is ‘single-shot’; this is when the trigger pulse will cause one frame
to be output from the image sensor and AP0100CS (see Figure 10).
Figure 10:
Single-Shot Mode
Note:
This diagram is not to scale.
The second mode supported is called 'continuous', this is when a trigger pulse will cause
the part to continuously output frames, see Figure 11. This mode would be especially
useful for applications which have multiple sensors and need to have their video
streams synchronized (for example, surround view or panoramic view applications).
FRAME_SYNC
CVBS output
(NTSC/PAL)
A
B
CD
FRAME_SYNC
TRIGGER_OUT
FV_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com