Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP0100CS Datasheet(PDF) 36 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 36 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 32Page - ON Semiconductor AP0100CS Datasheet HTML 33Page - ON Semiconductor AP0100CS Datasheet HTML 34Page - ON Semiconductor AP0100CS Datasheet HTML 35Page - ON Semiconductor AP0100CS Datasheet HTML 36Page - ON Semiconductor AP0100CS Datasheet HTML 37Page - ON Semiconductor AP0100CS Datasheet HTML 38Page - ON Semiconductor AP0100CS Datasheet HTML 39Page - ON Semiconductor AP0100CS Datasheet HTML 40Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
AP0100CS HDR: Image Signal Processor (ISP)
Spatial Transform Engine (STE)
AP0100CS/D Rev. 6, Pub. 1/16 EN
36
©Semiconductor Components Industries, LLC,2016.
Spatial Transform Engine (STE)
A spatial transform is defined as a transform in which some pixels are in different posi-
tions within the input and output pictures. Examples include zoom, lens distortion
correction, turn, and rotate. STE is a fully programmable engine which can perform
spatial transforms and eliminates the need for an expensive DSP for image correction.
Lens Distortion Correction
Automotive backup cameras typically feature a wide FOV lens so that a single camera
mounted above the center of the rear bumper can present the driver with a view of all
potential obstacles immediately behind the full width of the vehicle. Lenses with a wide
field of view typically exhibit at least a noticeable amount of barrel distortion.
Barrel distortion is caused by a reduction in object magnification the further away from
the optical axis.
For the image to appear natural to the driver, the AP0100CS corrects this barrel distor-
tion and reprocesses the image so that the resulting distortion is much smaller. This is
called distortion correction. Distortion correction is the ability to digitally correct the
lens barrel distortion and to provide a natural view of objects. In addition, with barrel
distortion one can adjust the perspective view to enhance the visibility by virtually
elevating the point of viewing objects.
Pan, Tilt, Zoom and Rotate
Using the STE it is possible to implement image transformations like Pan, Tilt, Zoom and
Rotate.
Figure 23:
Uncorrected Image



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com