Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP0100CS Datasheet(PDF) 57 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 57 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 53Page - ON Semiconductor AP0100CS Datasheet HTML 54Page - ON Semiconductor AP0100CS Datasheet HTML 55Page - ON Semiconductor AP0100CS Datasheet HTML 56Page - ON Semiconductor AP0100CS Datasheet HTML 57Page - ON Semiconductor AP0100CS Datasheet HTML 58Page - ON Semiconductor AP0100CS Datasheet HTML 59Page - ON Semiconductor AP0100CS Datasheet HTML 60Page - ON Semiconductor AP0100CS Datasheet HTML 61Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 73 page
background image
AP0100CS/D Rev. 6, Pub. 1/16 EN
57
©Semiconductor Components Industries, LLC,2016.
AP0100CS HDR: Image Signal Processor (ISP)
Usage Modes
Usage Modes
How a camera based on the AP0100CS will be configured depends on what features are
used. In the simplest case, an AP0100CS operating in Auto-Config mode with no
customized settings might be sufficient. A back-up camera with dynamic input from the
steering system will require a µC with a system bus interface. Flash sizes vary depending
on the register and firmware data being transferred—somewhere between 1KB to 16MB.
The two-wire bus is adequate since only high-level commands are used.
In the simplest case no EEPROM or Flash memory or µC is required, as shown in
Figure 39. This is truly a single chip operation.
Figure 39:
Auto-Config Mode
The AP0100CS can be configured by a serial EEPROM or Flash through the SPI Interface.
Figure 40:
Flash Mode
Figure 41:
Host Mode with Flash
Digital Out
Auto-Config Mode
AP0100CS + image sensor
Analog Output
Serial
EEPROM/Flash
SPI
AP0100CS
+ image sensor
AP0100CS
+ image sensor
SPI
8/16bit
μC
two-wire
System Bus
Serial
EEPROM/Flash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com