| Electronic Components Datasheet Search |
|
AP0100CS Datasheet(PDF) 13 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AP0100CS Datasheet(HTML) 13 Page - ON Semiconductor |
|
13 / 73 page ![]() Table 7: Output States Name Hardware States Firmware States Notes Reset State Default State Hard Standby Soft Standby Streaming Idle EXTCLK (clock running or stopped) (clock running) (clock running or stopped) (clock running) (clock running) (clock running) Input XTAL n/a n/a n/a n/a n/a n/a Input RESET_BAR (asserted) (negated) (negated) (negated) (negated) (negated) Input SCLK n/a n/a (clock running or stopped) (clock running or stopped) (clock running or stopped) (clock running or stopped) Input. Must always be driven to a valid logic level SDATA High- impedance High- impedance High- impedance High- impedance Input/Output. A valid logic level should be established by pull-up SADDR n/a n/a n/a n/a n/a n/a Input. Must always be driven to a valid logic level FRAME_SYNC n/a n/a n/a n/a n/a n/a Input. Must always be driven to a valid logic level STANDBY n/a (negated) (asserted) (negated) (negated) (negated) Input. Must always be driven to a valid logic level EXT_REG n/a n/a n/a n/a n/a n/a Input. Must always be driven to a valid logic level ENLDO n/a n/an/a n/an/a n/aInput. Must be tied to VDD_REG or GND SPI_SCLK High- impedance driven, logic 0 driven, logic 0 driven, logic 0 Output SPI_SDI Internal pull- up enabled Internal pull- up enabled Internal pull- up enabled internal pull- up enabled Input. Internal pull-up permanently enabled. SPI_SDO High- impedance driven, logic 0 driven, logic 0 driven, logic 0 Output SPI_CS_BAR High- impedance driven, logic 1 driven, logic 1 driven, logic 1 Output EXT_CLK_OUT driven, logic 0 driven, logic 0 driven, logic 0 driven, logic 0 Output RESET_BAR_O UT driven, logic 0 driven, logic 0 driven, logic 1 driven, logic 1 Output. Firmware will release sensor reset M_SCLK High- impedance High- impedance High- impedance High- impedance Input/Output. A valid logic level should be established by pull-up M_SDATA High- impedance High- impedance High- impedance High- impedance Input/Output. A valid logic level should be established by pull-up FV_IN ,LV_IN, PIXCLK_IN, DIN[11:0] n/a n/a n/a n/a Dependent on interface used n/a Input. Must always be driven to a valid logic level |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |