Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP0100CS Datasheet(PDF) 25 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 25 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 21Page - ON Semiconductor AP0100CS Datasheet HTML 22Page - ON Semiconductor AP0100CS Datasheet HTML 23Page - ON Semiconductor AP0100CS Datasheet HTML 24Page - ON Semiconductor AP0100CS Datasheet HTML 25Page - ON Semiconductor AP0100CS Datasheet HTML 26Page - ON Semiconductor AP0100CS Datasheet HTML 27Page - ON Semiconductor AP0100CS Datasheet HTML 28Page - ON Semiconductor AP0100CS Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 73 page
background image
AP0100CS/D Rev. 6, Pub. 1/16 EN
25
©Semiconductor Components Industries, LLC,2016.
AP0100CS HDR: Image Signal Processor (ISP)
Test Patterns
Adaptive Local Tone Mapping (ALTM)
Real world scenes often have very high dynamic range (HDR) that far exceeds the elec-
trical dynamic range of the imager. Dynamic range is defined as the luminance ratio
between the brightest and the darkest object in a scene. In recent years many technolo-
gies have been developed to capture the full dynamic range of real world scenes. For
example, the multiple exposure method is widely adopted for capturing high dynamic
range images, which combines a series of low dynamic range images of the same scene
taken under different exposure times into a single HDR image.
Even though the new digital imaging technology enables the capture of the full dynamic
range, low dynamic range display devices are the limiting factor. Today’s typical LCD
monitor has contrast ratio around 1,000:1; however, it is not typical for an HDR image
(the contrast ratio for an HDR image is around 250,000:1). Therefore, in order to repro-
duce HDR images on a low dynamic range display device, the captured high dynamic
range must be compressed to the available range of the display device. This is commonly
called tone mapping.
Tone mapping methods can be classified into global tone mapping and local tone
mapping. Global tone mapping methods apply the same mapping function to all pixels.
While global tone mapping methods provide computationally simple and easy to use
solutions, they often cause loss of contrast and detail. A local tone mapping is thus
necessary in addition to global tone mapping for the reproduction of visually more
appealing images that also reveal scene details that are important for automotive safety
and surveillance applications. Local tone mapping methods use a spatially variable
mapping function determined by the neighborhood of a pixel, which allows it to
increase the local contrast and the visibility of some details of the image. Local methods
usually yield more pleasing results because they exploit the fact that human vision is
more sensitive to local contrast.
ON Semiconductor’s ALTM solution significantly improves the performance over global
tone mapping. ALTM is directly applied to the Bayer domain to compress the dynamic
range from 20-bit to 12-bit. This allows the regular color pipeline to be used for HDR
image rendering.
Color Interpolation
In the raw data stream fed by the external sensor to the IFP, each pixel is represented by a
20- or 12-bit integer number, which can be considered proportional to the pixel's
response to a one-color light stimulus, red, green, or blue, depending on the pixel's posi-
tion under the color filter array. Initial data processing steps, up to and including ALTM,
preserve the one-color-per-pixel nature of the data stream, but after ALTM it must be
converted to a three-colors-per-pixel stream appropriate for standard color processing.
The conversion is done by an edge-sensitive color interpolation module. The module
pads the incomplete color information available for each pixel with information
extracted from an appropriate set of neighboring pixels. The algorithm used to select
this set and extract the information seeks the best compromise between preserving
edges and filtering out high frequency noise in flat field areas. The edge threshold can be
set through register settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com