Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP0100CS Datasheet(PDF) 54 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 54 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 50Page - ON Semiconductor AP0100CS Datasheet HTML 51Page - ON Semiconductor AP0100CS Datasheet HTML 52Page - ON Semiconductor AP0100CS Datasheet HTML 53Page - ON Semiconductor AP0100CS Datasheet HTML 54Page - ON Semiconductor AP0100CS Datasheet HTML 55Page - ON Semiconductor AP0100CS Datasheet HTML 56Page - ON Semiconductor AP0100CS Datasheet HTML 57Page - ON Semiconductor AP0100CS Datasheet HTML 58Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 73 page
background image
AP0100CS HDR: Image Signal Processor (ISP)
Summary of Host Commands
AP0100CS/D Rev. 6, Pub. 1/16 EN
54
©Semiconductor Components Industries, LLC,2016.
Summary of Host Commands
Table 20 on page 54 through Table 31 on page 56 show summaries of the host
commands. The commands are divided into the following sections:
• System Manager
•Overlay
•GPIO
• Flash Manager
•STE
• Sequencer
• Patch Loader
•Miscellaneous
• Calibration Stats
Following is a summary of the Host Interface commands. The description gives a quick
orientation. The “Type” column shows if it is an asynchronous or synchronous
command. For a complete list of all commands including parameters, consult the Host
Command Interface Specification document.
Table 20:
System Manager Host Command
System Manager Host Command
Value
Type
Description
Set State
0x8100
Asynchronous
Request the system enter a new state
Get State
0x8101
Synchronous
Get the current state of the system
Config Power Management
0x8102
Synchronous
Configures the power state of the system
Table 21:
Overlay Host Commands
Overlay Host Command
Value
Type
Description
Enable Overlay
0x8200
Synchronous
Enable or disable the overlay subsystem
Get Overlay State
0x8201
Synchronous
Retrieves the state of the overlay subsystem
Set Calibration
0x8202
Synchronous
Set the calibration offset
Set Bitmap Property
0x8203
Synchronous
Set a property of a bitmap
Get Bitmap Property
0x8204
Synchronous
Get a property of a bitmap
Set String Property
0x8205
Synchronous
Set a property of a character string
Load Buffer
0x8206
Asynchronous
Load an overlay buffer with a bitmap (from Flash)
Load Status
0x8207
Synchronous
Retrieve status of an active load buffer operation
Write Buffer
0x8208
Synchronous
Write directly to an overlay buffer
Read Buffer
0x8209
Synchronous
Read directly from an overlay buffer
Enable Layer
0x820A
Synchronous
Enable or disable an overlay layer
Get Layer Status
0x820B
Synchronous
Retrieve the status of an overlay layer
Set String
0x820C
Synchronous
Set the character string
Get String
0x820D
Synchronous
Get the current character string
Load String
0x820E
Asynchronous
Load a character string (from Flash)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com