Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP0100CS Datasheet(PDF) 15 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 15 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 11Page - ON Semiconductor AP0100CS Datasheet HTML 12Page - ON Semiconductor AP0100CS Datasheet HTML 13Page - ON Semiconductor AP0100CS Datasheet HTML 14Page - ON Semiconductor AP0100CS Datasheet HTML 15Page - ON Semiconductor AP0100CS Datasheet HTML 16Page - ON Semiconductor AP0100CS Datasheet HTML 17Page - ON Semiconductor AP0100CS Datasheet HTML 18Page - ON Semiconductor AP0100CS Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
AP0100CS/D Rev. 6, Pub. 1/16 EN
15
©Semiconductor Components Industries, LLC,2016.
AP0100CS HDR: Image Signal Processor (ISP)
On-Chip Regulator
Hard Reset
The AP0100CS enters the reset state when the external RESET_BAR signal is asserted
LOW, as shown in Figure 7. All the output signals will be in High-Z state.
Figure 7:
Hard Reset Operation
Soft Reset
A soft reset sequence to the AP0100 CS can be activated by writing to a register through
the two-wire serial interface.
Hard Standby Mode
The AP0100CS can enter hard standby mode by using external STANDBY signal, as
shown in Figure 8.
Entering Standby Mode
1. Assert STANDBY signal HIGH.
Table 8:
Hard Reset
Symbol
Definition
Min
Typ
Max
Unit
t1
RESET_BAR pulse width
50
EXTCLK
cycles
t2
Active EXTCLK required after RESET_BAR asserted
10
t3
Active EXTCLK required before RESET_BAR de-
asserted
10
t4
First two-wire serial interface communication after
RESET is HIGH
100
EXTCLK
Reset
RESET_BAR
Mode
t
2
t
3
t
1
Internal Initialization Time
SDATA
Enter streaming mode
t
4
All Outputs
Data Active
Data Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com