Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP0100CS Datasheet(PDF) 27 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 27 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 23Page - ON Semiconductor AP0100CS Datasheet HTML 24Page - ON Semiconductor AP0100CS Datasheet HTML 25Page - ON Semiconductor AP0100CS Datasheet HTML 26Page - ON Semiconductor AP0100CS Datasheet HTML 27Page - ON Semiconductor AP0100CS Datasheet HTML 28Page - ON Semiconductor AP0100CS Datasheet HTML 29Page - ON Semiconductor AP0100CS Datasheet HTML 30Page - ON Semiconductor AP0100CS Datasheet HTML 31Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 73 page
background image
AP0100CS/D Rev. 6, Pub. 1/16 EN
27
©Semiconductor Components Industries, LLC,2016.
AP0100CS HDR: Image Signal Processor (ISP)
Camera Control and Auto Functions
Camera Control and Auto Functions
Auto Exposure
The auto exposure algorithm optimizes scene exposure to minimize clipping and satu-
ration in critical areas of the image. This is achieved by controlling exposure time and
analog gains of the external sensor as well as digital gains applied to the image.
Auto exposure is implemented by a firmware algorithm that is running on the
embedded microcontroller that analyzes image statistics collected by the exposure
measurement engine, makes a decision, and programs the sensor and color pipeline to
achieve the desired exposure. The measurement engine subdivides the image into 25
windows organized as a 5 x 5 grid.
Figure 17:
5 x 5 Grid
AE Track Driver
Other algorithm features include the rejection of fast fluctuations in illumination (time
averaging), control of speed of response, and control of the sensitivity to small changes.
While the default settings are adequate in most situations, the user can program target
brightness, measurement window, and other parameters described above.
The driver changes AE parameters (integration time, gains, and so on) to drive scene
brightness to the programmable target.
To avoid unwanted reaction of AE on small fluctuations of scene brightness or momen-
tary scene changes, the AE track driver uses a temporal filter for luma and a threshold
around the AE luma target. The driver changes AE parameters only if the filtered luma is
larger than the AE target step and pushes the luma beyond the threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com