Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7396AB Datasheet(PDF) 82 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AB
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AB Datasheet(HTML) 82 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AB Datasheet HTML 78Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 79Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 80Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 81Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 82Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 83Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 84Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 85Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 86Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
82/140
●I/Q adjustment
Image rejection ratio can be adjusted by tuning IQ signal balance. The adjustment procedure is as follows:
1.
From SG, image frequency signal is input to ANT pin (#30).
Input signal:
no modulation.wave
Input frequency:
channel frequency - (2 * IF frequency)
In case of 100kbps, IF frequency = 720kHz. please refer to the “Programing IF frequency”.
Input level:
-70dBm
2.
By setting RSSI_OUT ([RSSI/TEMP_OUT:B1 0x03(0)]) =0b1, outputing RSSI from A_MON pin (#24).
3.
Issuing RX_ON by [RF_STATUS:B0 0x6C] register, by adjusting [IQ_MAG_ADJ:B1 0x14] and [IQ_PHASE_ADJ:
B1 0x15] registers, finding setting value so that RSSI value is minimum by measuring A_MON pin (#24).
[I\Q adjustment flow]
START
1
Power on
Initialize setting
Please refer to
“Initial register setting” file.
RX_ON issue
[RF_STATUS:B0 0x6C]
1
Channel setting
[CH_SET:B0 0x6B]
Channel setting
[CH_SET:B0 0x6B]
RSSI output setting
[RSSI/TEMP_OUT:B1 0x03]
SG output setting
modulation: no modulation
level : -70dBm
frequency: CH frequency- 2 * IF
frequency
END
Amplitude, phase valur
confirm
Amplitude/phase re-adjustment
by changing range.
[IQ_MAG_ADJ] ±3LSB
[IQ_PHASE_ADJ] ±6LSB
so that RSSI value is minimum.
Set phase value
[IQ_PHASE_ADJ:B1 0x15]
Initial amplitude setting
[IQ_MAG_ADJ:B1 0x14]=0x08
Phase adjustment by
[IQ_PHASE_ADJ:B1 0x15], so
that RSSI value is minimum.
Amplitude adjustment by
[IQ_MAG_ADJ:B1 0x14], so
that RSSI value is minimum.
Set amplitude value
[IQ_MAG_ADJ:B1 0x14]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com