Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7396AB Datasheet(PDF) 63 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AB
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AB Datasheet(HTML) 63 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AB Datasheet HTML 59Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 60Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 61Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 62Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 63Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 64Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 65Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 66Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 67Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
63/140
Interrupt generation timing
In each interrupt generation, timing from reference point to interrupt interrupt generation (nitification) are described in the
following table. Timeout procedure for interrupt notification waiting, are also described below.
[Note]
(1)The values are decribed in units of “symbol time” in the below table is the value at 100kbps. If using other data, please use
20, 5, and 2.5 for 50kbps, 200kbps, and 400kbps, respectively.
(2)Below table uses the following format of TX/RX data.
24 byte
(3)Even if each interrupt notification is masked, in case of interrupt occurrence, interrupt elements are stored internnaly.
Therefore, as soon as interrupt notification is unmasked, interrupt will generate.
Interrupt notification
Reference point
Time from reference point to interrupt generation
or interrupt generation timing
RESETN release
(upon power-on)
660μs
INT[0]
CLK stabilization
completion
SLEEP release
(recovered from
SLEEP)
660μs
INT[1]
INT[2]
VCO calibration
completion
VCO calibration
start
230μs
INT[3]
Packet discard
completion during
Address Filtering
function
SFD detection
(1)If ADDFIL_NG_SET([PACKET_MODE_SET:B0 0x45(5)])
=0b0, the right timing to address mismatch detection.
(2)If ADDFIL_NG_SET([PACKET_MODE_SET:B0 0x45(5)])
=0b1,
(When FEC is disabled)
28byte (Length to CRC) * 8bit * 10(symbol time) + process
delay(5.55μs) =2245.55μs
(When FEC is enabled)
28byte (Length to CRC) * 2 * 8bit *10(symbol time) + process
delay(315.55μs) =4795.55μs
(TX)
TX_ON command
(* 1)
Empty trigger level is set to 0x02
(When FEC is disabled)
37 byte (preamble to 23th data) * 8bit * 10 (symbol time)
=2960μs
(When FEC is enabled)
{12byte (preamble to SFD) + 25byte(Length to 23th data) * 2}
* 8bit* 10(symbol time) + RF wake-up & process delay (106μs)
=5066μs
INT[4]
FIFO-Empty detection
(RX)
By FIFO read, remaining FIFO data is under trigger level
(TX)
By FIDO write, FIFO usage exceeds trigger level
INT[5]
FIFO-Full detection
(RX)
SFD detection
Full trigger level is set to 0x05
(When FEC is disabled)
8byte (Length + 6
th data) * 8bit * 10(symbol time) =640μs
(Wwhen FEC is enabled)
8byte (Length + 6
th data) * 8bit * 2 * 10(symbol time) + process
delay(305μs) =1585μs
(INT[6])
-
(INT[7])
-
(* 1) Befor issuing TX_ON, writing full-length TX data into a FIFO.
2 byte
2 byte
10 byte
2 byte
SFD
CRC
Length
Preamble
User data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com