Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7396AB Datasheet(PDF) 92 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AB
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AB Datasheet(HTML) 92 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AB Datasheet HTML 88Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 89Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 90Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 91Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 92Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 93Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 94Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 95Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 96Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
92/140
[Flowchart]
START
* RX_FIFO_MON ([PLL_MON/DIO_SEL:B0 0x69(0)])
setting does not affect on DIO (TX) mode operation.
TX_ON issue
[RF_STATUS:B0 0x6C]
END
No
Yes
Input TX data
[DIO pin (#15)]
Write dummy data to a FIFO
Yes
Next packet TX?
No
Yes
No
No
Yes
TX data request accept completion int?
[INT_SOURCE_GRP3:B0 0x26]
Clear TX data request accept
completion interrupt
[INT_SOURCE_GRP3:B0 0x26]
Packet header setting
[PREAMBLE_SET:B0 0x39]
[SFD1_SET1-4:B0 0x3A-3D]
[TX_PR_LEN:B0 0x42]
[RX_PR_LEN/SFD_LEN:B0 0x43]
Set DIO_EN =0b1
[PLL_MON/DIO_SEL:B0 0x69(2)]
Set “L/H” to DIO pin
* Set 1st biy of TX data to the DIO pin.
* Set CRC_DONE ([FEX/CRC_SET:B0 0x46(0)])=0b0
(disable) and write 0x00-01-02 to [WR_TX_FIFO:B0
0x7E] register.
* If issuing TX_ON before writing dummy
data, same result can be achieved
* Timing up to DCLK output varies
depending on preamble length, SFD
length and data rate
DCLK output?
[DCLK pin (#16)]
* TX data should be input at falling edge of DCLK.
TX completion?
TRX_OFF issue
[RF_STATUS:B0 0x6C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com