Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7396AB Datasheet(PDF) 17 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AB
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AB Datasheet(HTML) 17 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AB Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
17/140
●Clock output characteristics
Clock output can be controled by [CLK_SET:B0 0x02] register (Initial value:enable), Clock output from DMON pin.
Item
Symbol
Condition
Min
Typ
Max
Unit
Clock output frequency
FCLKOUT
-
0.0088
6
36
MHz
12MHz
30
-
70
%
Load
capacitance
CL=20pF
Clock output duty ratio
DCLKOUT
(*1)
Other than above
48
50
52
%
*1 Duty ratio will be H:L = 1:2 when output frequency is 12MHz.. Refer [CLK_OUT: B0 0x03] register ().
FCLKOUT
DMON
●Reset
Item
Symbol
Condition
Min
Typ
Max
Unit
All power supply pins
RESETN delay time (Power on)
TRDL
1.5
-
-
ms
(After power on)
RESETN pulse period
TRPW
200
-
-
ns
(When starting from VDDIO=0V)
RESETN pulse period 2 (*1)
TRPW2
1.5
-
-
ms
VDD>1.8V
(When starting from VDDIO
≠0V)
RESETN rising period
TRRST
-
-
1
ms
VDD level
GND level
VDDIO
TRPW
TRPW2
RESETN
TRDL
TRRST
(*1) When starting from VDDIO≠.0V, input a pulse to the RESETN signal after VDDIO exceeds 1.8V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com