Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7396AB Datasheet(PDF) 31 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AB
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AB Datasheet(HTML) 31 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AB Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 34Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 35Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
31/140
FIFO control method when using FIFO address
(1) TX
Condition: AUTO_TX ([PACKET_MODE_SET:B0 0x45(2)]) =0b1 and FIFO access size is 128 bytes.
Set
[FAST_TX_SET;B0 0x6A] register and FIFO_ADR_EN ([PACKET_MODE_SET:B0 0x45(7)]) =0b1.
Write256 bytesdata to FIFO ([WR_TX_FIFO:B0 0x7E] register) via SPI interface.
* When the amount of written data reaches [FIFO_TX_SET:B0 0x6A] register, transmission starts.
Read
[RD_FIFO_LAST:B0 0x7C] register. When FIFO address indication (hereafter, Read pointer) is 128 or more and the
remaining TX data is 128 bytes or more, writing 128 bytes data to FIFO. If remaining TX data is less than 128 bytes, go
to
.
Read [RD_FIFO_LAST] register. When Read pointer is 64 or less and the remaining Tx data is 128 bytes or more,
writing 128 bytes data to FIFO. If remaining TX data is less than 128 bytes, go to
.
Repeat
and
until for the necessary amount of TX data.
Writing whole remaining data to FIFO and wait TX completion interrupt (INT[16] / INT[17], group3) notification.
Yes
Read pointer
≥128?
[RD_FIFO_LAST:B0 0x7C]
No
Yes
Remaining Tx data
≥128 bytes?
Write 128 bytes data
to a FIFO
[WR_TX_FIFO:B0 0x7E]
Yes
64
≥Read pointer?
[RD_FIFO_LAST:B0 0x7C]
Remaining Tx data
≥128 bytes?
No
No
Wait for TX completion int.
[INT_SOURCE_GRP3:B0 0x26]
Write 256 bytes
to a FIFO
[WR_TX_FIFO:B0 0x7E]
No
Yes
Time
Total Tx data
[Transmit]
Start transmission
TX FIFO address indication
255
TX FIFO address indication (read pointer)
increments after Tx start.
After transimitting 256
th
byte data, the
address indication is turned to 0 and
increments again.
Write 128 bytes data
to a FIFO
[WR_TX_FIFO:B0 0x7E]
Write remaining data
to a FIFO
[WR_TX_FIFO:B0 0x7E]
If data amount written to a FIFO exceeds
the FAST_TX_TRG[7:0], TX will start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com