Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5922 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP5922
Description  2-A Low-Noise, Adjustable LDO With Low Input- and Output-Voltage Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5922 Datasheet(HTML) 3 Page - Texas Instruments

  LP5922 Datasheet HTML 1Page - Texas Instruments LP5922 Datasheet HTML 2Page - Texas Instruments LP5922 Datasheet HTML 3Page - Texas Instruments LP5922 Datasheet HTML 4Page - Texas Instruments LP5922 Datasheet HTML 5Page - Texas Instruments LP5922 Datasheet HTML 6Page - Texas Instruments LP5922 Datasheet HTML 7Page - Texas Instruments LP5922 Datasheet HTML 8Page - Texas Instruments LP5922 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
OUT
GND
OUT
FB
IN
GND
SS/NR
EN
PG
IN
3
1
2
4
5
8
10
9
7
6
3
LP5922
www.ti.com
SNVSAG0 – NOVEMBER 2016
Product Folder Links: LP5922
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DSC Package
10-Pin WSON With Thermal Pad
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NUMBER
NAME
1
OUT
O
Regulated output voltage, connect directly to pin 2
2
OUT
O
Regulated output voltage, connect directly to pin 1
3
FB
I
Voltage feedback input to the internal error amplifier
4
GND
Ground
Ground; connect to device pin 8.
5
PG
O
Power Good to indicate the status of output voltage. Requires an external pull-up resistor.
When PG pin voltage is high the output voltage is considered good.
6
EN
I
Enable
7
SS/NR
I/O
Soft-start and noise reduction pin
8
GND
Ground
Ground —connect to device pin 4.
9
IN
I
Supply voltage input — connect directly to pin 10.
10
IN
I
Supply voltage input —connect directly to pin 9.
Exposed pad
Thermal Pad
—
The exposed thermal pad on the bottom of the package must be connected to a copper area
under the package on the PCB. Connect to ground potential. Do not connect to any potential
other than the same ground potential seen at device pins 4 and 8 (GND). See Power
Dissipation for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com