Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5922 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP5922
Description  2-A Low-Noise, Adjustable LDO With Low Input- and Output-Voltage Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5922 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP5922 Datasheet HTML 13Page - Texas Instruments LP5922 Datasheet HTML 14Page - Texas Instruments LP5922 Datasheet HTML 15Page - Texas Instruments LP5922 Datasheet HTML 16Page - Texas Instruments LP5922 Datasheet HTML 17Page - Texas Instruments LP5922 Datasheet HTML 18Page - Texas Instruments LP5922 Datasheet HTML 19Page - Texas Instruments LP5922 Datasheet HTML 20Page - Texas Instruments LP5922 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Input Voltage
Output Voltage
0.00
0.50
1.00
1.50
2.00
2.50
3.00
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
D005
TA = 25°C
TA = 50°C
TA = 85°C
TA = 100°C
Input Voltage
Output Voltage (V)
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
D006
TA = 50°C
TA = 25°C
TA = 85°C
TA = 100°C
Input Voltage
Output Voltage
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
D003
TA = 25°C
TA = 50°C
TA = 85°C
TA = 100°C
Input Voltage
Output Voltage
0
0.5
1
1.5
2
2.5
3
3.5
4
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
D004
TA = 25°C
TA = 50°C
TA = 85°C
TA = 100°C
Input Voltage
Output Voltage
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
D001
TA = 25°C
TA = 50°C
TA = 85°C
TA = 100°C
Input Voltage
Output Voltage
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
D002
TA = 25°C
TA = 50°C
TA = 85°C
TA = 100°C
17
LP5922
www.ti.com
SNVSAG0 – NOVEMBER 2016
Product Folder Links: LP5922
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Figure 17. Recommended Continuous Operating Area for
VOUT = 0.8 V
Figure 18. Recommended Continuous Operating Area for
VOUT = 1.2 V
Figure 19. Recommended Continuous Operating Area for
VOUT = 1.8 V
Figure 20. Recommended Continuous Operating Area for
VOUT = 2.5 V
Figure 21. Recommended Continuous Operating Area for
VOUT = 3.3 V
Figure 22. Recommended Continuous Operating Area for
VOUT = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com