Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5922 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP5922
Description  2-A Low-Noise, Adjustable LDO With Low Input- and Output-Voltage Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5922 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP5922 Datasheet HTML 12Page - Texas Instruments LP5922 Datasheet HTML 13Page - Texas Instruments LP5922 Datasheet HTML 14Page - Texas Instruments LP5922 Datasheet HTML 15Page - Texas Instruments LP5922 Datasheet HTML 16Page - Texas Instruments LP5922 Datasheet HTML 17Page - Texas Instruments LP5922 Datasheet HTML 18Page - Texas Instruments LP5922 Datasheet HTML 19Page - Texas Instruments LP5922 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
VIN ± VOUT (V)
0
0
Limited by
Minimum Operating VIN
Limited by
Maximum Operating VIN
Limited by
Rated Output Current
Limited by
Dropout
Limited by
Thermals
Recommended Area for
Continuous Operation
16
LP5922
SNVSAG0 – NOVEMBER 2016
www.ti.com
Product Folder Links: LP5922
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.2.2.9 Recommended Continuous Operating Area
The continuous operational area of an LDO is limited by the input voltage (VIN), the output voltage (VOUT), the
dropout voltage (VDO), the output current (IOUT), and the junction temperature (TJ). The recommended area for
continuous operation for a linear regulator can be separated into the following steps, and is shown in Figure 16.
•
Limited by dropout: Dropout voltage limits the minimum differential voltage between the input and the output
(VIN – VOUT) at a given output current level.
•
Limited by the rated output current: The rated output current limits the maximum recommended output current
level. Exceeding this rating causes the device to fall out of specification.
•
Limited by thermals: This portion of the boundary is defined by Equation 6. The slope is nonlinear because
the junction temperature of the LDO is controlled by the power dissipation (PD) across the LDO; therefore,
when VIN – VOUT increases, the output current must decrease in order to ensure that the rated maximum
operating junction temperature of the device is not exceeded. Exceeding the maximum operating junction
temperature rating can cause the device to fall out of specifications, reduces long-term reliability, and may
activate the thermal shutdown protection circuitry.
•
Limited by VIN range: The rated operating input voltage range governs both the minimum and maximum of
VIN – VOUT.
Figure 16. Recommended Continuous Operating Area
Figure 17 to Figure 22 show the recommended continuous operating area boundaries for this device in the
WSON (DSC) package mounted to a EIA/JEDEC High-K printed circuit board, as defined by JESD51-7, with an
RθJA rating of 49.5°C/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com