Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5922 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP5922
Description  2-A Low-Noise, Adjustable LDO With Low Input- and Output-Voltage Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5922 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP5922 Datasheet HTML 10Page - Texas Instruments LP5922 Datasheet HTML 11Page - Texas Instruments LP5922 Datasheet HTML 12Page - Texas Instruments LP5922 Datasheet HTML 13Page - Texas Instruments LP5922 Datasheet HTML 14Page - Texas Instruments LP5922 Datasheet HTML 15Page - Texas Instruments LP5922 Datasheet HTML 16Page - Texas Instruments LP5922 Datasheet HTML 17Page - Texas Instruments LP5922 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
LP5922
SNVSAG0 – NOVEMBER 2016
www.ti.com
Product Folder Links: LP5922
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.2.2 Detailed Design Procedure
8.2.2.1 External Capacitors
The LP5922 is designed to be stable using low equivalent series resistance (ESR) ceramic capacitors at the
input, output, and the noise-reduction pin (SS/NR). Multilayer ceramic capacitors have become the industry
standard for these types of applications and are recommended, but must be used with good judgment. Ceramic
capacitors that employ X7R-, X5R-, and COG-rated dielectric materials provide relatively good capacitive stability
across temperature, whereas the use of Y5V-rated capacitors is discouraged because of large variations in
capacitance. Additionally, the case size has a direct impact on the capacitance versus applied voltage derating.
Regardless of the ceramic capacitor type selected, the actual capacitance varies with the applied operating
voltage and temperature. As a rule of thumb, derate ceramic capacitors by at least 50%. The input and output
capacitors recommended herein account for a effective capacitance derating of approximately 50%, but at high
applied voltage conditions the capacitance derating can be greater than 50% and must be taken into
consideration. The minimum capacitance values declared in Input and Output Capacitors must be met across the
entire expected operating voltage range and temperature range.
8.2.2.2 Input Capacitor, CIN
An input capacitor is required for stability. A capacitor with a value of at least 22 μF must be connected between
the LP5922 IN pin and ground for stable operation over full load current range. It is acceptable to have more
output capacitance than input, as long as the input is at least 22 μF.
The input capacitor must be located as close as possible to, but at a distance not more than 1 cm from, the IN
pin and returned to the device GND pin with a clean analog ground. This will minimize the trace inductance
between the capacitor and the device. Any good quality ceramic or tantalum capacitor may be used at the input.
8.2.2.3 Output Capacitor, COUT
The LP5922 is designed to work specifically with a low ESR ceramic (MLCC) output capacitor, typically 22 μF. A
ceramic capacitor (dielectric types X5R or X7R) in the 22-μF to 100-μF range, with an ESR not exceeding 500
mΩ, is suitable in the LP5922 application circuit having an output voltage greater than 0.8 V. For output voltages
of 0.8 V or less, the output capacitance must be increased to typically 47 μF. The output capacitor must be
connected between the device OUT and GND pins. The output capacitor must meet the requirement for the
minimum value of capacitance and have an ESR value that does not exceed 500 mΩ to ensure stability.
It is possible to use tantalum capacitors at the device output, but these are not as attractive for reasons of size,
cost, and performance.
A combination of multiple output capacitors in parallel boosts the high-frequency PSRR. The combination of one
0805-sized, 47-µF ceramic capacitor in parallel with two 0805-sized, 10-µF ceramic capacitors with a sufficient
voltage rating optimizes PSRR response in the frequency range of 400 kHz to 700 kHz (which is a typical range
for dc-dc supply switching frequency). This 47-µF || 10-µF || 10-µF combination also ensures that at high input
voltage and high output voltage configurations, the minimum effective capacitance is met. Many 0805-sized, 47-
µF ceramic capacitors have a voltage derating of approximately 60% to 75% at 5 V, so the addition of the two
10-µF capacitors ensures that the capacitance is at or above 22 µF.
8.2.2.4 Soft-Start and Noise-Reduction Capacitor, CSS/NR
Recommended value for CSS/NR is 100 nF or larger. The soft-start period can be calculated by Equation 2. The
CSS/NR capacitor is also the filter capacitor for internal reference for noise reduction purpose.
8.2.2.5 Feed-Forward Capacitor, CFF
Although a feed-forward capacitor (CFF) from the FB pin to the OUT pin is not required to achieve stability, a 10-
nF external CFF optimizes the transient, noise, and PSRR performance. A higher capacitance CFF value can be
used; however, the start-up time may be longer and the Power-Good signal may incorrectly indicate that the
output voltage is settled. The maximum recommended value is 100 nF
To ensure proper PGx functionality, the time constant defined by CNR/SSx must be greater than or equal to the
time constant from CFFx. For a detailed description, see the application report Pros and Cons of Using a Feed-
Forward Capacitor with a Low Dropout Regulator (SBVA042).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com