Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5922 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP5922
Description  2-A Low-Noise, Adjustable LDO With Low Input- and Output-Voltage Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5922 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP5922 Datasheet HTML 8Page - Texas Instruments LP5922 Datasheet HTML 9Page - Texas Instruments LP5922 Datasheet HTML 10Page - Texas Instruments LP5922 Datasheet HTML 11Page - Texas Instruments LP5922 Datasheet HTML 12Page - Texas Instruments LP5922 Datasheet HTML 13Page - Texas Instruments LP5922 Datasheet HTML 14Page - Texas Instruments LP5922 Datasheet HTML 15Page - Texas Instruments LP5922 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
LP5922
SNVSAG0 – NOVEMBER 2016
www.ti.com
Product Folder Links: LP5922
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.7
Power Good Output
The LP5922 has a Power-Good function that works by toggling the state of the PG output pin. When the output
voltage falls below the PG threshold voltage (PGLTH), the PG pin open-drain output engages (low impedance to
GND). When the output voltage rises above the PG threshold voltage (PGHTH), the PG pin becomes high-
impedance. By connecting a pullup resistor to an external supply, any downstream device can receive PG as a
logic signal. User must make sure that the external pullup supply voltage results in a valid logic signal for the
receiving device or devices; use a pullup resistor from 10 k
Ω to 100 kΩ for best results.
In Power-Good function, the PG output pin pulled high immediatelly after output voltage rises above the PG
threshold voltage.
7.4 Device Functional Modes
7.4.1 Enable (EN)
The LP5922 enable (EN) pin is internally held low by a 2-M
Ω resistor to GND. If the EN pin is open the output is
OFF. The EN pin voltage must be higher than the VIH threshold to ensure that the device is fully enabled under
all operating conditions. When the EN pin is pulled low, and the output is disabled, the output automatic
discharge circuit is activated. Any charge on the OUT pin is discharged to GND through the internal pulldown
resistance.
7.4.2 Undervoltage Lockout (UVLO)
The LP5922 incorporates UVLO. The UVLO circuit monitors the input voltage and keeps the LP5922 disabled
while a rising VIN is less than 1.2 V (typical). The rising UVLO threshold is approximately 100 mV below the
recommended minimum operating VIN of 1.3 V.
7.4.3 Minimum Operating Input Voltage
The LP5922 internal circuit is not fully functional until VIN is at least 1.3 V. The output voltage is not regulated
until VIN has reached at least the greater of 1.3 V or (VOUT + VDO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com