Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5922 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP5922
Description  2-A Low-Noise, Adjustable LDO With Low Input- and Output-Voltage Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5922 Datasheet(HTML) 5 Page - Texas Instruments

  LP5922 Datasheet HTML 1Page - Texas Instruments LP5922 Datasheet HTML 2Page - Texas Instruments LP5922 Datasheet HTML 3Page - Texas Instruments LP5922 Datasheet HTML 4Page - Texas Instruments LP5922 Datasheet HTML 5Page - Texas Instruments LP5922 Datasheet HTML 6Page - Texas Instruments LP5922 Datasheet HTML 7Page - Texas Instruments LP5922 Datasheet HTML 8Page - Texas Instruments LP5922 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LP5922
www.ti.com
SNVSAG0 – NOVEMBER 2016
Product Folder Links: LP5922
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
All voltages are with respect to the GND pin.
(2)
Minimum and maximum limits are design targeted limits over the junction temperature (TJ) range of –40°C to +125°C, unless otherwise
stated. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only.
(3)
CIN, COUT: Low-ESR surface-mount-ceramic capacitors (MLCCs) used in setting electrical characteristics.
(4)
Dropout voltage is the voltage difference between the input and the output at which the FB voltage drops to 97% of its nominal value.
(5)
Short-circuit current (ISC) is equivalent to current limit. To minimize thermal effects during testing, ISC is measured with VOUT pulled to
100 mV below its nominal voltage.
(6)
Ground current is defined here as the total current flowing to ground as a result of all voltages applied to the device
IGND = ( (IIN – IOUT) + IEN + ILKG(PG))
(7)
Ground current in shutdown mode, IGND(SD), does NOT include current from PG pin.
(8)
This specification is verified by design.
6.5 Electrical Characteristics
VIN = VOUT(NOM) + 0.5 V or 1.3 V, whichever is greater; VEN = 1.2 V, CIN = 22 μF, COUT = 22 μF, OUT connected to 50 Ω to
GND, VFB = 0.5 V, CSS/NR = 0.12 µF, CFF = 0.01 µF, and PG pin pulled up to VIN by 100-kΩ resistor (unless otherwise
noted).
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE
VIN
Input voltage range
1.3
6
V
UVLO
Undervoltage lock-out
threshold
VIN Rising (↑) until output is ON
1.2
1.25
V
ΔUVLO
UVLO hysteresis
VIN Falling (↓) from UVLO threshold until output is
OFF
160
mV
OUTPUT VOLTAGE AND REGULATION
VOUT
Output voltage range
0.5
5
V
ΔVOUT
Line regulation
IOUT = 5 mA, 1.3 V ≤ VIN ≤ 6 V
0.02
%/V
Load regulation
5 mA
≤ IOUT ≤ 2 A
0.1
%/A
VDO
Dropout voltage(4)
VIN = 1.4 V, IOUT = 2 A
220
400
mV
VIN = 2.5 V, IOUT = 2 A
100
180
VIN = 5.3 V, IOUT = 2 A
90
160
FB
VFB
FB voltage
IOUT = 5 mA to 2 A
492.5
500
507.5
mV
IFB
FB pin input current
VFB = 0.5 V
–100
100
nA
CURRENT LEVELS
IL
Maximum load current
VIN ≥ 1.3 V
2
A
ISC
Short-circuit current limit(5)
2.2
3
3.8
A
IGND
Ground-current minimum
load(6)
VIN = 6 V, IOUT = 0 mA
0.7
mA
Ground-current maximum
load(6)
VIN = 1.3 V, IOUT = 2 A
1
4
IGND(SD)
Shutdown current(7)
VIN = 6 V, VEN = 0 V, VPG = 0 V
0.1
15
µA
VIN to VOUT RIPPLE REJECTION
(8)
PSRR
Power-supply rejection
ratio
VIN ≥ 1.4 V, ƒ = 1 kHz, IOUT = 2 A
70
dB
VIN ≥ 1.4 V, ƒ = 10 kHz, IOUT = 2 A
55
VIN ≥ 1.4 V, ƒ = 100 kHz, IOUT = 2 A
40
VIN ≥ 1.4 V, ƒ = 1 MHz, IOUT = 2 A
30
OUTPUT NOISE VOLTAGE
eN
Noise voltage(8)
VIN= 2.5 V, VOUT= 1.8 V
BW = 10 Hz to 100 kHz
25
µVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com