Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5922 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP5922
Description  2-A Low-Noise, Adjustable LDO With Low Input- and Output-Voltage Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5922 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP5922 Datasheet HTML 7Page - Texas Instruments LP5922 Datasheet HTML 8Page - Texas Instruments LP5922 Datasheet HTML 9Page - Texas Instruments LP5922 Datasheet HTML 10Page - Texas Instruments LP5922 Datasheet HTML 11Page - Texas Instruments LP5922 Datasheet HTML 12Page - Texas Instruments LP5922 Datasheet HTML 13Page - Texas Instruments LP5922 Datasheet HTML 14Page - Texas Instruments LP5922 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
SS/NR
FB
SS
SS
C
V
t
I
u
11
LP5922
www.ti.com
SNVSAG0 – NOVEMBER 2016
Product Folder Links: LP5922
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.2 Enable
The LP5922 EN pin is internally held low by a 2-M
Ω resistor to GND. The EN pin voltage must be higher than the
VIH threshold to ensure that the device is fully enabled under all operating conditions. The EN pin voltage must
be lower than the VIL threshold to ensure that the device is fully disabled and the automatic output discharge is
activated.
7.3.3 Output Automatic Discharge
The LP5922 output employs an internal 400-Ω (typical) pulldown resistance to discharge the output capacitor
when the EN pin is low, and the device is disabled.
7.3.4 Programmable Soft Start and Noise Reduction
The output voltage of LP5922 ramps up linearly in a constant slew rate until reaching the target regulating
voltage after a stable VIN (greater than VOUT + VDO) is supplied and EN pin is pulled high. The slew rate of VOUT
ramping is programmable by an external capacitor on the SS/NR pin; therefore, the duration for soft-start period
is programmable as well. Once the LP5922 is enabled, the SS/NR pin sources a constant 6-µA current to charge
the external CSS/NR capacitor until the voltage at the SS/NR pin reaches 98% of the internal reference voltage
(VREF) of 500 mV typical. The final 2% of CSS/NR charge is determined by a RC time constant. During the soft-
start period, the current flowing into the IN pin primarily consists of the sum of the load current at the LDO output
and the charging current into the output capacitor. The soft-start period can be calculated by Equation 2:
where
•
VFB = 0.5 V - this is the voltage that CSS/NR charges to;
•
CSS/NR is the value of the capacitor connected between the SS/NR pin and ground; and
•
ISS = 6.2 µA is the typical charging current to the SS/NR pin during start-up period.
(2)
The recommended value for CSS/NR is 100 nF or larger. Equation 2 is most accurate for these values. The CSS/NR
capacitor is also the filter capacitor for internal reference for noise reduction purpose. An integrated resistor and
the CSS/NR capacitor structure a RC low-pass filter to remove the noise on the internal reference voltage.
7.3.5 Internal Current Limit
The internal current limit circuit is used to protect the LDO against high-load current faults or shorting events. The
LDO is not designed to operate in a steady-state current limit. During a current-limit event, the LDO sources
constant current. Therefore, the output voltage falls when load impedance decreases. Note also that if a current
limit occurs and the resulting output voltage is low, excessive power may be dissipated across the LDO, resulting
in a thermal shutdown of the output.
7.3.6 Thermal Overload Protection
Thermal shutdown disables the output when the junction temperature rises to TSD level, which allows the device
to cool. When the junction temperature cools by ΔTSD, the output circuitry enables. Based on power dissipation,
thermal resistance, and ambient temperature, the thermal protection circuit may cycle on and off. This thermal
cycling limits the dissipation of the regulator and protects it from damage as a result of overheating.
The internal protection circuitry of the LP5922 is designed to protect against thermal overload conditions. The
circuitry is not intended to replace proper heat sinking. Continuously running the LP5922 into thermal shutdown
degrades device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com