Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5922 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP5922
Description  2-A Low-Noise, Adjustable LDO With Low Input- and Output-Voltage Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5922 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP5922 Datasheet HTML 4Page - Texas Instruments LP5922 Datasheet HTML 5Page - Texas Instruments LP5922 Datasheet HTML 6Page - Texas Instruments LP5922 Datasheet HTML 7Page - Texas Instruments LP5922 Datasheet HTML 8Page - Texas Instruments LP5922 Datasheet HTML 9Page - Texas Instruments LP5922 Datasheet HTML 10Page - Texas Instruments LP5922 Datasheet HTML 11Page - Texas Instruments LP5922 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
IOUT (A)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
0.025
0.05
0.075
0.1
0.125
0.15
0.175
0.2
0.225
0.25
D015
VIN = 1.4 V
VIN = 2.5 V
VIN = 3.7 V
VIN = 5.3 V
I
OUT
4 VOUT
V
IN
4 VOUT
I
OUT
4 VOUT
I
OUT
4 VOUT
Time (ms)
-5
0
5
10
15
20
25
30
35
40
45
50
0
0
0.5
60
1
120
1.5
180
2
240
2.5
300
3
360
3.5
420
4
480
4.5
540
5
600
D012
VEN
VOUT
VSS/NR
VPG
Time (us)
-50
0
50
100
150
200
250
300
350
400
450
0
0
0.5
50
1
100
1.5
150
2
200
2.5
250
3
300
3.5
350
4
400
4.5
450
5
500
D013
VEN
VOUT
VSS/NR
VPG
8
LP5922
SNVSAG0 – NOVEMBER 2016
www.ti.com
Product Folder Links: LP5922
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
VIN = VOUT + 0.5 V, VEN = 1.2 V, CIN = 22 μF, COUT = 22 μF, OUT connected to 50 Ω to GND, VFB = 0.5 V, CSS/NR = 0.12 µF,
CFF = 0.01 µF, and PG pin pulled up to VIN by 100-kΩ resistor and TJ = 25°C, unless otherwise stated.
VOUT = 5 V
IOUT = 1 mA
Figure 7. Power Down
VOUT = 5 V
IOUT = 2 A
Figure 8. Power Down
VOUT = 2.8 V
IOUT = 10 mA to 2 A
trise = 1 V/µs
Figure 9. Load Transient Response
VOUT = 2.8 V
IOUT = 2 A to 10 mA
tfall = 1 V/µs
Figure 10. Load Transient Response
VOUT = 2.8 V
VIN 3.3 V to 3.8V to 3.3 V
tfall = 1 V/µs
Figure 11. Line Transient Response
Figure 12. Dropout Voltage (VDO) vs Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com