Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5922 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP5922
Description  2-A Low-Noise, Adjustable LDO With Low Input- and Output-Voltage Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5922 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP5922 Datasheet HTML 9Page - Texas Instruments LP5922 Datasheet HTML 10Page - Texas Instruments LP5922 Datasheet HTML 11Page - Texas Instruments LP5922 Datasheet HTML 12Page - Texas Instruments LP5922 Datasheet HTML 13Page - Texas Instruments LP5922 Datasheet HTML 14Page - Texas Instruments LP5922 Datasheet HTML 15Page - Texas Instruments LP5922 Datasheet HTML 16Page - Texas Instruments LP5922 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
OUT
PG
VIN
1.3 V ± 6 V
CIN
COUT
EN
LP5922
VOUT
0.5 V ± 5 V
IN
FPGA
VIN
GND
RUPPER
RLOWER
FB
CSS/NR
SS/NR
22 µF
22 µF
IN
OUT
CFF
100 k
VIN
Copyright © 2016, Texas Instruments Incorporated
13
LP5922
www.ti.com
SNVSAG0 – NOVEMBER 2016
Product Folder Links: LP5922
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LP5922 is designed to meet the requirements of RF and analog circuits, by providing low noise, high PSRR,
low quiescent current, and low line or load transient response figures. The device offers excellent noise
performance without the need for a noise bypass capacitor and is stable with input and output capacitors with a
value of 22 µF. The LP5922 delivers this performance in an industry-standard WSON package which, for this
device, is specified with an operating junction temperature (TJ) of –40°C to +125°C.
8.2 Typical Application
Figure 15 shows the typical application circuit for the LP5922. Input and output capacitances may need to be
increased above 22 µF minimum for some applications.
Figure 15. LP5922 Typical Application
8.2.1 Design Requirements
For typical LP5922 applications, use the parameters listed in Table 1.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage
2.25 V to 2.75 V
Output voltage
1.8 V
Output current
2000 mA
Output capacitor range
22 µF to 47 µF
Output capacitor ESR range
2 mΩ to 500 mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com