Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5922 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP5922
Description  2-A Low-Noise, Adjustable LDO With Low Input- and Output-Voltage Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5922 Datasheet(HTML) 4 Page - Texas Instruments

  LP5922 Datasheet HTML 1Page - Texas Instruments LP5922 Datasheet HTML 2Page - Texas Instruments LP5922 Datasheet HTML 3Page - Texas Instruments LP5922 Datasheet HTML 4Page - Texas Instruments LP5922 Datasheet HTML 5Page - Texas Instruments LP5922 Datasheet HTML 6Page - Texas Instruments LP5922 Datasheet HTML 7Page - Texas Instruments LP5922 Datasheet HTML 8Page - Texas Instruments LP5922 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LP5922
SNVSAG0 – NOVEMBER 2016
www.ti.com
Product Folder Links: LP5922
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Absolute maximum VOUT is the lesser of VIN + 0.3 V, or 7 V.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
IN pin voltage, VIN
–0.3
7
V
OUT pin voltage, VOUT
See(3)
EN pin voltage, VEN
–0.3
7
V
PG pin voltage, VPG
–0.3
7
V
SS/NR pin voltage, VSS/NR
–0.3
3.6
V
FB pin voltage, VFB
–0.3
3.6
V
Junction temperature, TJ
150
°C
Continuous power dissipation(4)
Internally limited
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Input voltage, VIN
1.3
6
V
Output voltage, VOUT
0.5
5
V
FB voltage, VFB
0.5
V
EN input voltage, VEN
0
VIN
V
Recommended load current, IL
0
2
A
Operating junction temperature, TJ-MAX-OP
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics.
(2)
Thermal resistance value RθJA is based on the EIA/JEDEC High-K printed circuit board defined by JESD51-7 - High Effective Thermal
Conductivity Test Board for Leaded Surface Mount Packages.
(3)
The PCB for the WSON/DSC package RθJA includes four (4) thermal vias, in a 2 × 2 array, under the exposed thermal pad per
EIA/JEDEC JESD51-5.
6.4 Thermal Information
THERMAL METRIC(1)
LP5922
UNIT
DSC (WSON)
10 PINS
RθJA
(2)
Junction-to-ambient thermal resistance, High K
49.5(3)
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
38.2
°C/W
RθJB
Junction-to-board thermal resistance
24.0
°C/W
ψJT
Junction-to-top characterization parameter
0.5
°C/W
ψJB
Junction-to-board characterization parameter
24.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
6.0
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com