Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC823 Datasheet(PDF) 31 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 31 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 27Page - Motorola, Inc MPC823 Datasheet HTML 28Page - Motorola, Inc MPC823 Datasheet HTML 29Page - Motorola, Inc MPC823 Datasheet HTML 30Page - Motorola, Inc MPC823 Datasheet HTML 31Page - Motorola, Inc MPC823 Datasheet HTML 32Page - Motorola, Inc MPC823 Datasheet HTML 33Page - Motorola, Inc MPC823 Datasheet HTML 34Page - Motorola, Inc MPC823 Datasheet HTML 35Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 74 page
background image
Communication Processor Module
MOTOROLA
MPC823 REFERENCE MANUAL
16-409
If both the REN and TEN bits are set in the SMCMR, the first falling edge of the SMSYNx
pin causes both the transmitter and receiver to achieve synchronization. To resynchronize
the transmitter or receiver, the SMCx transmitter/receiver can be disabled and reenabled
and the SMSYNx pin can be used again to resynchronize the transmitter or receiver. Refer
to Section 16.11.5 Disabling the SMCs On-the-Fly for a description of how to safely
disable and reenable a serial management controller. Simply clearing and setting the TEN
bit may not be sufficient.
Figure 16-118. SMSYNx Pin Synchronization
SMRXD
SMC1 RECEIVE DATA
SMTXD
SMSYNx
SMCLK
TEN
SET
HERE
TX FIFO
LOADED
APPX.
HERE
SMSYNx
DETECTED
LOW HERE
SMCLK
SMSYNx
REN SET
HERE OR
ENTER
HUNT MODE
COMMAND
ISSUED
FIRST BIT OF
RECEIVE
DATA (LSB)
1s ARE SENT
SMSYNx
DETECTED
LOW HERE
SMC1 TRANSMIT DATA
FIRST BIT OF
FIRST 5-BIT
TRANSMIT
CHARACTER
(LSB)
NOTES:
1. SMCLK is an internal clock derived from an external clock pin or a baud rate generator.
2. This example shows the SMC receiver and transmitter enabled separately. If the REN
and TEN bits were set at the same time, a single falling edge of SMSYNx would
synchronize both.
FIVE 1s
ASSUME
CHARACTER
LENGTH
EQUALS 5
TRANSMISSION
COULD BEGIN
HERE IF TX FIFO
NOT LOADED IN
TIME
FIVE 1s ARE SENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com