Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC823 Datasheet(PDF) 68 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 68 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 64Page - Motorola, Inc MPC823 Datasheet HTML 65Page - Motorola, Inc MPC823 Datasheet HTML 66Page - Motorola, Inc MPC823 Datasheet HTML 67Page - Motorola, Inc MPC823 Datasheet HTML 68Page - Motorola, Inc MPC823 Datasheet HTML 69Page - Motorola, Inc MPC823 Datasheet HTML 70Page - Motorola, Inc MPC823 Datasheet HTML 71Page - Motorola, Inc MPC823 Datasheet HTML 72Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 74 page
background image
Communication Processor Module
16-446
MPC823 REFERENCE MANUAL
MOTOROLA
DATA LENGTH
This field represents the number of octets that the communication processor module writes
into this buffer descriptor data buffer. The communication processor module writes it once
as the buffer descriptor is closed. The serial peripheral interface writes these bits after the
received data is placed into the associated data buffer. The actual amount of memory
allocated for this buffer must be greater than or equal to the MRBLR entry.
RX DATA BUFFER POINTER
This field always points to the first location of the associated data buffer. It must be even and
it can reside in internal or external memory. The serial peripheral interface writes these bits
after the received data is placed into the associated data buffer.
16.12.4.1.3 SPI Transmit Buffer Descriptor. Data to be transmitted by the serial
peripheral interface is sent to the communication processor module by arranging it in buffers
referenced by the transmit (TX) buffer descriptor ring. The first word of the TX buffer
descriptor contains status and control bits. You must prepare the following bits before
transmitting data.
R—Ready
0 = The data buffer associated with this buffer descriptor is not ready for transmission
and you are free to manipulate it or its associated data buffer. The communication
processor module clears this bit after the buffer is transmitted or after an error
occurs.
1 = The data buffer, which you prepare for transmission, is not transmitted yet or is
currently being transmitted. You cannot write any fields of this buffer descriptor
once this bit is set.
Bits 1, 5, and 7–13—Reserved
These bits are reserved and must be set to 0.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
OFFSET + 0
R
RES
WI
L
RES
CM
RESERVED
UN
ME
OFFSET + 2
DATA LENGTH
OFFSET + 4
TX DATA BUFFER POINTER
OFFSET + 6
NOTE: You are only responsible for initializing the items in bold.
Note:
The communication processor module sets all the status bits in this buffer
descriptor, but you must clear them before submitting the buffer descriptor to the
communication processor module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com