Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC823 Datasheet(PDF) 44 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 44 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 40Page - Motorola, Inc MPC823 Datasheet HTML 41Page - Motorola, Inc MPC823 Datasheet HTML 42Page - Motorola, Inc MPC823 Datasheet HTML 43Page - Motorola, Inc MPC823 Datasheet HTML 44Page - Motorola, Inc MPC823 Datasheet HTML 45Page - Motorola, Inc MPC823 Datasheet HTML 46Page - Motorola, Inc MPC823 Datasheet HTML 47Page - Motorola, Inc MPC823 Datasheet HTML 48Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 74 page
background image
Communication Processor Module
16-422
MPC823 REFERENCE MANUAL
MOTOROLA
7. Initialize the TX buffer descriptor and assume the TX data buffer is at 0x00002000 in
main memory and contains five 8-bit characters. Write 0xB000 to TX_BD_Status,
0x0005 to TX_BD_Length, and 0x00002000 to TX_BD_Pointer.
8. Write 0xFF to the SMCE–Transparent register to clear any previous events.
9. Write 0x13 to the SMCM–Transparent register to enable all possible serial
management controller interrupts.
10. Write 0x00000010 to the CIMR so that SMC1 can generate a system interrupt. The
CICR must also be initialized.
11. Write 0x3830 to the SMCMR–Transparent to configure 8-bit characters, unreversed
data, and normal operation (not loopback). Notice that the transmitter and receiver are
not enabled yet.
12. Write 0x3833 to the SMCMR–Transparent to enable the SMC1 transmitter and
receiver. This additional write ensures that the TEN and REN bits are enabled last.
16.11.7.16 HANDLING INTERRUPTS IN THE SMCx. Follow these steps to handle an
interrupt in the serial management controller:
1. Once an interrupt occurs, read the SMCE register to discover the cause of the
interrupts. The SMCE bits are usually cleared at this time.
2. Process the TX buffer descriptor to reuse it if the TX bit is set in the SMCE–
Transparent register. Extract data from the RX buffer descriptor if the RX bit is set in
the SMCE–Transparent register. To transmit another buffer, simply set the R bit in the
RX buffer descriptor.
3. Clear the SMC1 bit in the CISR.
4. Execute the rfi instruction.
16.11.8 The SMCx in GCI Mode
The serial management controllers can be used to control the circuit interface and monitor
channels of the general circuit interface (GCI) frame. When using the SCIT configuration of
a general circuit interface, one serial management controller can handle SCIT channel 0,
and the other serial management controller can handle SCIT channel 1. The main features
of a serial management controller in GCI mode are as follows:
• Each SMCx channel supports the circuit interface and monitor channels of the GCI
(IOM-2) in ISDN applications
• Two serial management controllers support the two sets of circuit interface and monitor
channels in SCIT channels 0 and 1
• Full-duplex operation
• Local loopback and echo capability for testing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com