Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC823 Datasheet(PDF) 60 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 60 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 56Page - Motorola, Inc MPC823 Datasheet HTML 57Page - Motorola, Inc MPC823 Datasheet HTML 58Page - Motorola, Inc MPC823 Datasheet HTML 59Page - Motorola, Inc MPC823 Datasheet HTML 60Page - Motorola, Inc MPC823 Datasheet HTML 61Page - Motorola, Inc MPC823 Datasheet HTML 62Page - Motorola, Inc MPC823 Datasheet HTML 63Page - Motorola, Inc MPC823 Datasheet HTML 64Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 74 page
background image
Communication Processor Module
16-438
MPC823 REFERENCE MANUAL
MOTOROLA
• RRBPTR—The RX buffer descriptor pointer entry for each SPI channel points to the
next buffer descriptor that the receiver transfers data to when it is idle or to the current
buffer descriptor during frame processing. After a reset or when the end of the buffer
descriptor table is reached, the communication processor module initializes this pointer
to the value programmed in the RBASE entry. Although in most applications you must
not write RBPTR, it can be modified when the receiver is disabled or when you are sure
that no receive buffer is currently in use.
• TBPTR—The TX buffer descriptor pointer entry for each SPI channel points to the next
buffer descriptor that the transmitter transfers data from when it is idle or to the current
buffer descriptor during frame transmission. After a reset or when the end of buffer
descriptor table is reached, the communication processor module initializes this pointer
to the value programmed in the TBASE entry. Although in most applications you must
not write TBPTR, it can be modified when the transmitter is disabled or when you are
sure that no transmit buffer is currently in use.
• Other General Parameters—For normal operation, you do not need to access these
parameters. They are only listed here because they provide helpful information for
debugging purposes. Additional parameters are listed in Table 16-39. RPTR and TPTR
are updated by the SDMA channels to show the next address in the buffer to be
accessed. TCNT is a down-count value initialized with the DATA LENGTH field of the
TX buffer descriptor and decremented with every byte read by the SDMA channels. The
RCNT is a down-count value that is initialized with the MRBLR value and decremented
with every byte the SDMA channels write. The RSTATE, TSTATE, RTMP, TMP, and
reserved areas can only be used by the RISC microcontroller.
16.12.3.3 SPI COMMANDS. The following transmit and receive commands are issued to
the CPM command register (CPCR).
• INIT TX PARAMETERS—This command initializes all transmit parameters in the serial
channel parameter RAM to their reset state and must only be issued when the
transmitter is disabled. The INIT TX AND RX PARAMS command can also be used to
reset the transmit and receive parameters.
• CLOSE RX BD—This command is used to force the SPI controller to close the current
RX buffer descriptor if it is currently being used and to use the next buffer descriptor for
any subsequently received data. If the SPI controller is not in the process of receiving
data, no action is taken by this command.
• INIT RX PARAMETERS—This command initializes all the receive parameters in this
serial channel parameter RAM to their reset state and must only be issued when the
receiver is disabled. The INIT TX AND RX PARAMS command can also be used to
reset the receive and transmit parameters.
Note: To extract data from a partially full buffer, issue the CLOSE RX BD command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com