Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC823 Datasheet(PDF) 45 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 45 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 41Page - Motorola, Inc MPC823 Datasheet HTML 42Page - Motorola, Inc MPC823 Datasheet HTML 43Page - Motorola, Inc MPC823 Datasheet HTML 44Page - Motorola, Inc MPC823 Datasheet HTML 45Page - Motorola, Inc MPC823 Datasheet HTML 46Page - Motorola, Inc MPC823 Datasheet HTML 47Page - Motorola, Inc MPC823 Datasheet HTML 48Page - Motorola, Inc MPC823 Datasheet HTML 49Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 74 page
background image
Communication Processor Module
MOTOROLA
MPC823 REFERENCE MANUAL
16-423
To use the SMCx GCI channels properly, the time-slot assigner in the serial interface must
be configured to route the monitor and circuit interface channels to the serial management
controller you prefer. Refer to Section 16.7 The Serial Interface with Time-Slot Assigner
for more details on how to program this configuration. A serial management controller in GCI
mode is also referred to as the SMCx GCI controller.
16.11.8.0.1 SMCx GCI Monitor Channel Transmission Process. The monitor channel 0
is used to exchange data with a layer 1 device (reading and writing internal registers and
transferring the S and Q bits). Monitor channel 1 is used for programming and controlling
voice/data modules, such as CODECs. The core writes the data byte into the transmit (TX)
buffer descriptor. The serial management controller transmits the data on the monitor
channel and handles the A and E control bits according to the GCI monitor channel protocol.
You can issue the TIMEOUT command to solve deadlocks when errors in the A and E bit
occur on the data line.
16.11.8.0.2 SMCx GCI Monitor Channel Reception Process. The serial management
controller receives data and handles the A and E control bits according to the GCI monitor
channel protocol. When the communication processor module stores a received data byte
in the SMCx receive (RX) buffer descriptor, a maskable interrupt is generated. You can
issue the TRANSMIT ABORT REQUEST command and the MPC823 transmits an abort
request on the E bit.
16.11.8.1 HANDLING THE SMCx CIRCUIT INTERFACE CHANNEL. The circuit interface
channel is used to control the layer 1 device. The layer 2 device in the TE sends commands
and receives indication to or from the upstream layer 1 device via circuit interface channel
0. In the SCIT configuration, circuit interface channel 1 is used to convey real-time status
information between the layer 2 device and nonlayer 1 peripheral devices (CODECs).
16.11.8.1.1 SMCx GCI Circuit Interface Channel Transmission Process. The core
writes the data byte into the circuit interface TX buffer descriptor and the serial management
controller transmits the data continuously on the circuit interface channel to the physical
layer device.
16.11.8.1.2 SMCx GCI Circuit Interface Channel Reception Process. The SMCx
receiver continuously monitors the circuit interface channel and when it recognizes a
change in the data and this value is received in two successive frames, it is interpreted as
valid data. This is referred to as the double last-look method. The received data byte is
stored by the communication processor module in the circuit interface RX buffer descriptor
and a maskable interrupt is generated. If the serial management controller is configured to
support SCIT channel 1, the double last-look method is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com