| Electronic Components Datasheet Search |
|
MPC823 Datasheet(PDF) 62 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC823 Datasheet(HTML) 62 Page - Motorola, Inc |
|
62 / 74 page ![]() Communication Processor Module 16-440 MPC823 REFERENCE MANUAL MOTOROLA 16.12.4 Programming the Serial Peripheral Interface 16.12.4.1 SPI MODE REGISTER. The read/write SPI mode (SPMODE) register controls both the serial peripheral interface operation mode and clock source. Table 16-2 contains more information on commands that can be used with this register. Bit 0—Reserved This bit is reserved and must be set to 0. LOOP—Loop Mode When set, this bit selects the local loopback operation. The transmitter output is internally connected to the receiver input. The receiver and transmitter operate normally, except that the externally received data is ignored. 0 = Normal operation. 1 = The serial peripheral interface is in loopback mode. CI—Clock Invert This bit inverts the SPI clock polarity. See Figure 16-122 and Figure 16-123 for details. 0 = The inactive state of SPICLK is low. 1 = The inactive state of SPICLK is high. CP—Clock Phase This bit selects one of two fundamentally different transfer formats. See Figure 16-122 and Figure 16-123 for details. 0 = SPICLK starts toggling at the middle of the data transfer. 1 = SPICLK starts toggling at the beginning of the data transfer. DIV16—Divide by 16 This bit selects the clock source for the SPI baud rate generator when configured as an SPI master. In slave mode, the clock source is the SPICLK pin. 0 = Use the BRGCLK as the input to the SPI baud rate generator. 1 = Use the BRGCLK/16 as the input to the SPI baud rate generator. SPMODE BIT 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 FIELD RES LOOP CI CP DIV16 REV M/S EN LEN PM RESET 00000000 0 0 R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W ADDR (IMMR & 0xFFFF0000) + 0xAA0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |