Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC823 Datasheet(PDF) 59 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 59 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 55Page - Motorola, Inc MPC823 Datasheet HTML 56Page - Motorola, Inc MPC823 Datasheet HTML 57Page - Motorola, Inc MPC823 Datasheet HTML 58Page - Motorola, Inc MPC823 Datasheet HTML 59Page - Motorola, Inc MPC823 Datasheet HTML 60Page - Motorola, Inc MPC823 Datasheet HTML 61Page - Motorola, Inc MPC823 Datasheet HTML 62Page - Motorola, Inc MPC823 Datasheet HTML 63Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 74 page
background image
Communication Processor Module
MOTOROLA
MPC823 REFERENCE MANUAL
16-437
Bits 0–2—Reserved
These bits are reserved and must be set to 0.
BO—Byte Ordering
You must set these bits to select the required byte ordering of the data buffer. If this bit
field is modified on-the-fly, it takes effect at the beginning of the next frame or at the
beginning of the next buffer descriptor.
00 =
The DEC/Intel convention is used for byte ordering (swapped operation) and
is also called little-endian byte ordering. The transmission order of bytes within
a buffer word is reversed in comparison to the Motorola mode. This mode is
supported only for 32-bit port size memory.
01 =
PowerPC little-endian byte ordering. As data is transmitted onto the serial line
from the data buffer, the least-significant byte of the buffer double-word
contains data to be transmitted earlier than the most-significant byte of the
same buffer double-word.
1X = Motorola byte ordering (normal operation) is also called big-endian byte
ordering. As data is transmitted onto the serial line from the data buffer, the
most-significant byte of the buffer word contains data to be transmitted earlier
than the least-significant byte of the same buffer word.
AT—Address Type 1–3
These bits contain the function code value used during the SDMA channel memory
access. AT0 is driven with a 1 to identify this SDMA channel access as a DMA-type
access.
• MRBLR—The serial peripheral interface has one maximum receive buffer length entry
to define its receive buffer length and it defines the maximum number of bytes that the
MPC823 writes to a receive buffer on the serial peripheral interface before moving to
the next buffer. The MPC823 can write fewer bytes to the buffer than the MRBLR value
if an error or end-of-frame occurs, but it never writes more bytes than the MRBLR value.
Buffers you supply for the MPC823 to use must always be at least as long as MRBLR.
The transmit buffers for a serial peripheral interface are not affected by the value you
program into MRBLR and they can have different lengths, as needed. You can choose
the number of bytes to be transmitted by programming the DATA LENGTH field in the
TX buffer descriptor.
Note:
The MRBLR is not intended to be dynamically changed while a serial
management controller is operating. However, if it is modified in a single bus
cycle with one 16-bit move (not two 8-bit bus cycles back-to-back), then a
dynamic change in the receive buffer length can be successfully achieved. This
occurs when the communication processor module transfers control to the next
RX buffer descriptor in the table. Thus, a change to MRBLR does not have an
immediate effect. To guarantee that the change occurs on a particular RX buffer
descriptor, you must only change the MRBLR while the SMCx receiver is
disabled. The value of MRBLR must be greater than zero and it must be even if
the character length of the data is greater than 8 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com