Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9528BCPZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD9528BCPZ
Description  Maximum output frequency
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528BCPZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9528BCPZ Datasheet HTML 32Page - Analog Devices AD9528BCPZ Datasheet HTML 33Page - Analog Devices AD9528BCPZ Datasheet HTML 34Page - Analog Devices AD9528BCPZ Datasheet HTML 35Page - Analog Devices AD9528BCPZ Datasheet HTML 36Page - Analog Devices AD9528BCPZ Datasheet HTML 37Page - Analog Devices AD9528BCPZ Datasheet HTML 38Page - Analog Devices AD9528BCPZ Datasheet HTML 39Page - Analog Devices AD9528BCPZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
Data Sheet
AD9528
Rev. C | Page 35 of 67
SERIAL CONTROL PORT
The AD9528 serial control port is a flexible, synchronous serial
communications port that provides a convenient interface to
many industry-standard microcontrollers and microprocessors.
The AD9528 serial control port is compatible with most
synchronous transfer formats, including I2C, Motorola SPI, and
Intel SSR protocols. The serial control port allows read/write
access to the AD9528 register map.
The AD9528 uses the Analog Devices unified SPI protocol. The
unified SPI protocol guarantees that all new Analog Devices
products using the unified protocol have consistent serial port
characteristics. The SPI port configuration is programmable via
Register 0x0000. This register is a part of the SPI control logic
rather than in the register map and is distinct from the I2C
Register 0x0000.
Unified SPI differs from the SPI port found on older products
like the AD9523 and AD9524 in the following ways:
•
Unified SPI does not have byte counts. A transfer is
terminated when the CS pin goes high. The W1 and W0
bits in the traditional SPI become the A12 and A13 bits of
the register address. This is similar to streaming mode in
the traditional SPI.
•
The address ascension bit (Register 0x0000, Bit 2 and Bit 5)
controls whether register addresses are automatically
incremented or decremented regardless of the LSB/MSB
first setting. In traditional SPI, LSB first dictated auto-
increments and MSB first dictated autodecrements of the
register address.
•
Devices that adhere to the unified serial port have a
consistent structure of the first 16 register addresses.
Although the AD9528 supports both the SPI and I2C serial port
protocols, only one is active following power-up (as determined
by the STATUS0/SP0 and STATUS1/SP1 multifunction pins
during the start-up sequence). The only way to change the serial
port protocol is to reset (or power cycle) the device.
SPI/I2C PORT SELECTION
The AD9528 has two serial interfaces, SPI and I2C. Users can
select either the SPI or I2C depending on the states (logic high,
logic low) of the two logic level input pins (STATUS0/SP0 and
STATUS1/SP1), when initial power is applied or after a RESET.
When both STATUS/SP1 and STATUS0/SP0 are low, the SPI
interface is active. Otherwise, I2C is active with three different
I2C slave address settings (seven bits wide), as shown in Table 24.
The five most significant bits (MSBs) of the slave address are
hardware coded as 10101, and the two LSBs are determined by
the logic levels of the STATUS1/SP1and STATUS0/SP0 pins.
Table 24. Serial Port Mode Selection
STATUS1/SP1
STATUS0/SP0
Address
Low
Low
SPI
Low
High
I2C = 1010100
High
Low
I2C = 1010101
SPI SERIAL PORT OPERATION
Pin Descriptions
The SCLK (serial clock) pin serves as the serial shift clock. This
pin is an input. SCLK synchronizes serial control port read and
write operations. The rising edge SCLK registers write data bits,
and the falling edge registers read data bits. The SCLK pin
supports a maximum clock rate of 50 MHz.
The SPI port supports both 3-wire (bidirectional) and 4-wire
(unidirectional) hardware configurations and both MSB-first
and LSB-first data formats. Both the hardware configuration
and data format features are programmable. The 3-wire mode
uses the SDIO (serial data input/output) pin for transferring
data in both directions. The 4-wire mode uses the SDIO pin for
transferring data to the AD9528, and the SDO pin for
transferring data from the AD9528.
The CS (chip select) pin is an active low control that gates read
and write operations. Assertion (active low) of the CS pin
initiates a write or read operation to the AD9528 SPI port. Any
number of data bytes can be transferred in a continuous stream.
The register address is automatically incremented or decremented
based on the setting of the address ascension bits (Register 0x0000,
Bit 2 and Bit 5). CS must be deasserted at the end of the last byte
transferred, thereby ending the stream mode. This pin is
internally connected to a 10 kΩ pull-up resistor. When CS is
high, the SDIO and SDO pins go into a high impedance state.
Implementation Specific Details
The following product specific items are defined in the unified
SPI protocol:
•
Analog Devices unified SPI protocol Revision: 1.0
•
Chip type: 0x5
•
Clock serial ID: 0x00F
•
Physical layer: 3-and 4-wire supported
•
Optional single-byte instruction mode: not supported
•
Data link not used
•
Control not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com