Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9528BCPZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9528BCPZ
Description  Maximum output frequency
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528BCPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9528BCPZ Datasheet HTML 21Page - Analog Devices AD9528BCPZ Datasheet HTML 22Page - Analog Devices AD9528BCPZ Datasheet HTML 23Page - Analog Devices AD9528BCPZ Datasheet HTML 24Page - Analog Devices AD9528BCPZ Datasheet HTML 25Page - Analog Devices AD9528BCPZ Datasheet HTML 26Page - Analog Devices AD9528BCPZ Datasheet HTML 27Page - Analog Devices AD9528BCPZ Datasheet HTML 28Page - Analog Devices AD9528BCPZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
AD9528
Data Sheet
Rev. C | Page 24 of 67
TERMINOLOGY
Phase Jitter
An ideal sine wave has a continuous and even progression of
phase with time from 0° to 360° for each cycle. Actual signals,
however, display a certain amount of variation from ideal phase
progression over time. This phenomenon is called phase jitter.
Although many causes can contribute to phase jitter, one major
cause is random noise, which is characterized statistically as
being Gaussian (normal) in distribution.
Phase jitter leads to a spreading out of the energy of the sine
wave in the frequency domain, producing a continuous power
spectrum. This power spectrum is usually reported as a series of
values with the units dBc/Hz at a given offset in frequency from
the sine wave (carrier). The value is a ratio (expressed in decibels)
of the power contained within a 1 Hz bandwidth with respect to
the power at the carrier frequency. For each measurement, the
offset from the carrier frequency is also given.
In some applications, it is meaningful to integrate only the total
power contained within some interval of offset frequencies (for
example, 10 kHz to 10 MHz). This is called the integrated phase
noise over that frequency offset interval and can be readily related
to the time jitter due to the phase noise within that offset frequency
interval.
Phase Noise
Phase noise has a detrimental effect on the performance of
analog-to-digital converters (ADCs), digital-to-analog
converters (DACs), and radio frequency (RF) mixers. It lowers
the achievable dynamic range of the converters and mixers,
although they are affected in somewhat different ways.
Time Jitter
Phase noise is a frequency domain phenomenon. In the time
domain, the same effect is exhibited as time jitter. When observing
a sine wave, the time of successive zero crossings varies. In a
square wave, the time jitter is a displacement of the edges from
their ideal (regular) times of occurrence. In both cases, the
variations in timing from the ideal are the time jitter. Because
these variations are random in nature, the time jitter is specified
in seconds root mean square (rms) or 1 sigma of the Gaussian
distribution.
Time jitter that occurs on a sampling clock for a DAC or an
ADC decreases the SNR and dynamic range of the converter. A
sampling clock with the lowest possible jitter provides the
highest performance from a given converter.
Additive Phase Noise
Additive phase noise is the amount of phase noise that is
attributable to the device or subsystem being measured. The
phase noise of any external oscillators or clock sources is
subtracted. This makes it possible to predict the degree to which
the device impacts the total system phase noise when used in
conjunction with the various oscillators and clock sources, each
of which contributes its own phase noise to the total. In many
cases, the phase noise of one element dominates the system
phase noise. When there are multiple contributors to phase
noise, the total is the square root of the sum of squares of the
individual contributors.
Additive Time Jitter
Additive time jitter is the amount of time jitter that is attributable to
the device or subsystem being measured. The time jitter of any
external oscillators or clock sources is subtracted. This makes it
possible to predict the degree to which the device impacts the
total system time jitter when used in conjunction with the various
oscillators and clock sources, each of which contributes its own
time jitter to the total. In many cases, the time jitter of the external
oscillators and clock sources dominates the system time jitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com