Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9528BCPZ Datasheet(PDF) 62 Page - Analog Devices

Part # AD9528BCPZ
Description  Maximum output frequency
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528BCPZ Datasheet(HTML) 62 Page - Analog Devices

Back Button AD9528BCPZ Datasheet HTML 58Page - Analog Devices AD9528BCPZ Datasheet HTML 59Page - Analog Devices AD9528BCPZ Datasheet HTML 60Page - Analog Devices AD9528BCPZ Datasheet HTML 61Page - Analog Devices AD9528BCPZ Datasheet HTML 62Page - Analog Devices AD9528BCPZ Datasheet HTML 63Page - Analog Devices AD9528BCPZ Datasheet HTML 64Page - Analog Devices AD9528BCPZ Datasheet HTML 65Page - Analog Devices AD9528BCPZ Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 68 page
background image
Data Sheet
AD9528
Rev. C | Page 61 of 67
Table 60. SYSREF Bypass Resample Control
Address
Bits
Bit Name
Description
0x032D
7
Channel 6 bypass SYSREF resample
0 = not bypassed.
1 = Channel 6 bypass SYSREF resample.
6
Channel 5 bypass SYSREF resample
0 = not bypassed.
1 = Channel 5 bypass SYSREF resample.
5
Channel 4 bypass SYSREF resample
0 = not bypassed.
1 = Channel 4 bypass SYSREF resample.
4
Channel 3 bypass SYSREF resample
0 = not bypassed.
1 = Channel 3 bypass SYSREF resample.
3
Channel 2 bypass SYSREF resample
0 = not bypassed.
1 = Channel 2 bypass SYSREF resample.
2
Channel 1 bypass SYSREF resample
0 = not bypassed.
1 = Channel 1 bypass SYSREF resample.
1
Channel 0 bypass SYSREF resample
0 = not bypassed.
1 = Channel 0 bypass SYSREF resample.
0
Enable VCXO receiver path to distribution
0 = path disabled.
1 = enables path.
0x032E
7
Reserved
Reserved.
6
Channel 13 bypass SYSREF resample
0 = not bypassed.
1 = Channel 13 bypass SYSREF resample.
5
Channel 12 bypass SYSREF resample
0 = not bypassed.
1 = Channel 12 bypass SYSREF resample.
4
Channel 11 bypass SYSREF resample
0 = not bypassed.
1 = Channel 11 bypass SYSREF resample.
3
Channel 10 bypass SYSREF resample
0 = not bypassed.
1 = Channel 10 bypass SYSREF resample.
2
Channel 9 bypass SYSREF resample
0 = not bypassed.
1 = Channel 9 bypass SYSREF resample.
1
Channel 8 bypass SYSREF resample
0 = not bypassed.
1 = Channel 8 bypass SYSREF resample.
0
Channel 7 bypass SYSREF resample
0 = not bypassed.
1 = Channel 7 bypass SYSREF resample.
Table 61. SYSREF Pattern Generator K Divider
Address
Bits
Bit Name
Description
0x0400,
0x0401
[7:0],
[15:8]
K divider
The 16-bit K divider divides the input clock to the SYSREF pattern generator to
program the SYSREF pulse width. Bits[7:0] are the LSB byte, and Bits[15:8] are the
MSB byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com