Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9528BCPZ Datasheet(PDF) 59 Page - Analog Devices

Part # AD9528BCPZ
Description  Maximum output frequency
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528BCPZ Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9528BCPZ Datasheet HTML 55Page - Analog Devices AD9528BCPZ Datasheet HTML 56Page - Analog Devices AD9528BCPZ Datasheet HTML 57Page - Analog Devices AD9528BCPZ Datasheet HTML 58Page - Analog Devices AD9528BCPZ Datasheet HTML 59Page - Analog Devices AD9528BCPZ Datasheet HTML 60Page - Analog Devices AD9528BCPZ Datasheet HTML 61Page - Analog Devices AD9528BCPZ Datasheet HTML 62Page - Analog Devices AD9528BCPZ Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
AD9528
Data Sheet
Rev. C | Page 58 of 67
Table 53. PLL2 Loop Filter Control
Table 54. PLL2 Input Divider (R1) (Register 0x0207)
Bits
Bit Name
Description
[7:5]
Reserved
Reserved.
[4:0]
5-bit R1 divider
Divide by 1 to divide by 31.
00000, 00001 = divide by 1.
Table 55. PLL2 Feedback Divider (N2) (Register 0x0208)
Bits
Bit Name
Description
[7:0]
8-bit N2 divider
Division = Channel Divider Bits[7:0] + 1. For example, [7:0] = 0 is divided by 1, [7:0] = 1 is
divided by 2…[7:0] = 255 is divided by 256.
Table 56. PLL2 R1 Reference Divider (Register 0x0208 and Register 0x0209)
Address
Bits
Bit Name
Description
0x0209
7
Reserved
Reserved.
6
N2 divider power-down
0: (default) normal operation.
1: N2 divider powered down
[5:0]
N2 phase, Bits[5:0]
Divider initial phase after a sync is asserted relative to the divider input clock (from
the VCO divider output). LSB = ½ of a period of the divider input clock.
Phase 0 = no phase offset.
Phase 1 = ½ period offset.
…
Phase 63 = 31.5 period offset.
Address
Bits
Bit Name
Description
0x0205
[7:6]
R
POLE2 (Ω), Bits[1:0]
Bit 7
Bit 6
R
POLE2 (Ω)
0
0
900
0
1
450
1
0
300
1
1
225
[5:3]
R
ZERO (Ω), Bits[1:0]
Bit 5
Bit 4
Bit 3
R
ZERO (Ω)
0
0
0
3250
0
0
1
2750
0
1
0
2250
0
1
1
2100
1
0
0
3000
1
0
1
2500
1
1
0
2000
1
1
1
1850
[2:0]
C
POLE1 (pF), Bits[1:0]
Bit 2
Bit 1
Bit 0
C
POLE1 (pF)
0
0
0
0
0
0
1
8
0
1
0
16
0
1
1
24
1
0
0
24
1
0
1
32
1
1
0
40
1
1
1
48
0x0206
[7:1]
Reserved
Reserved.
0
Bypass internal R
ZERO resistor
Bypasses the internal R
ZERO resistor (RZERO = 0 Ω). Requires the use of a series external
zero resistor. This bit is the MSB of the loop filter control register (Register 0x0205 and
Register 0x0206).
1 = internal R
ZERO bypassed.
0 = internal R
ZERO used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com