Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9528BCPZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD9528BCPZ
Description  Maximum output frequency
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528BCPZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9528BCPZ Datasheet HTML 22Page - Analog Devices AD9528BCPZ Datasheet HTML 23Page - Analog Devices AD9528BCPZ Datasheet HTML 24Page - Analog Devices AD9528BCPZ Datasheet HTML 25Page - Analog Devices AD9528BCPZ Datasheet HTML 26Page - Analog Devices AD9528BCPZ Datasheet HTML 27Page - Analog Devices AD9528BCPZ Datasheet HTML 28Page - Analog Devices AD9528BCPZ Datasheet HTML 29Page - Analog Devices AD9528BCPZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
Data Sheet
AD9528
Rev. C | Page 25 of 67
THEORY OF OPERATION
DETAILED BLOCK DIAGRAM
Figure 27. Top Level Diagram
OVERVIEW
The AD9528 is a clock generator that employs integer-N based
phase-locked loops (PLL). The device architecture consists of
two cascaded PLL stages. PLL1 consists of an integer division
PLL that uses an external voltage controlled crystal oscillator
(VCXO). PLL1 has a narrow loop bandwidth that provides
initial jitter cleanup of the input reference signal for the input
stage of PLL2. Conversely, the output of PLL1 is also routable to
any clock distribution output, if desired.
PLL2 is a frequency multiplying PLL that translates the first PLL
stage output frequency to a range of 3.450 GHz to 4.025 GHz.
PLL2 incorporates an integer based feedback divider that
enables integer frequency multiplication. An RF VCO divider
(3, 4, or 5) divides the VCO output of PLL2 before being routed
to the input of the clock distribution section. Programmable
integer dividers (1 to 256) in the clock distribution follow the
RF VCO divider, establishing a final output frequency up to
1 GHz or less for the 12 available outputs. The OUT1 and
OUT2 outputs can run up to 1.25 GHz.
All of the divider settings in the clock distribution section are
configurable via the serial programming port, enabling a wide
range of input/output frequency ratios under program control.
The dividers also include a programmable coarse delay to adjust
timing of the output signals, if required. In addition, a fine delay
adjust is available in the clock distribution path.
The outputs are compatible with LVDS and HSTL logic levels.
The AD9528 can produce a JESD204B SYSREF signal. This
signal can be routed to any of the 14 outputs. The AD9528 can
also receive an externally generated SYSREF signal and buffer to
the outputs, with or without retiming. The AD9528 operates
over the extended industrial temperature range of −40°C to +85°C.
The AD9528 includes reference monitoring and automatic/manual
switchover and holdover. A reference select pin is available to
manually select which input reference is active. The accuracy of
the holdover is dependent on the external VCXO frequency
stability.
All power supply pins on the AD9528 operate on a 3.3 V ±5%
supply domain. However, each power supply pin has a dedicated
internal LDO regulator that provides approximately 1.8 V for
standard operation of the device. These independent regulators
provide extra supply rejection and help with output to output
coupling, since none of the output drivers or dividers share a
supply.
COMPONENT BLOCKS—PLL1
PLL1 General Description
PLL1 consists of a phase/frequency detector (PFD), a charge
pump, an external VCXO, and a partially external loop filter
operating in a closed loop.
CHARGE
PUMP
SYNC
VCXO
SWITCH-
OVER
CONTROL
RA
R1
N2
M1
RB
OUT0
OUT0
CONTROL
INTERFACE
(SDI AND I2C)
STATUS MONITOR
LOCK DETECT/
SERIAL PORT
ADDRESS
SCLK/SCL
SDO
SDIO/SDA
PLL 2
LOOP
FILTER
FINE
DELAY
SYNC
LOOP
FILTER
CHARGE
PUMP
PLL1
SYSREF GENERATION
SPI_SYS_REF
REQUEST
LOCK
DETECT
LOCK
DETECT
SYSREF
GENERATION
TRIGGER
REFA
REFA
REFB
REFB
AD9528
REF_SEL
STATUS0/SP0
LF2_CAP
VCXO_VT
VCXO_IN
VCXO_IN
CS
RESET
10-BIT
DIVIDER
10-BIT
DIVIDER
5-BIT
DIVIDER
LF1
LDO_VCO
VCO
STATUS1/SP1
SYSREF_REQ
P
F
D
P
F
D
×2
DIVIDER
÷3, ÷4, ÷5
PLL2 FEEDBACK
DIVIDER = N2 (N3)
8-BIT DIVIDER
WITH COARSE
DELAY
8-BIT
DIVIDER
D Q
D Q
D Q
D Q
SYSREF_IN
SYSREF_IN
OUT1
OUT1
FINE
DELAY
SYNC
OUT2 TO OUT11
OUT2 TO OUT11
8-BIT DIVIDER
WITH COARSE
DELAY
D Q
OUT12
OUT12
FINE
DELAY
SYNC
8-BIT DIVIDER
WITH COARSE
DELAY
D Q
OUT13
OUT13
FINE
DELAY
SYNC
8-BIT DIVIDER
WITH COARSE
DELAY
D Q
10-BIT
DIVIDER
N1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com