| Electronic Components Datasheet Search |
|
AD9528BCPZ Datasheet(PDF) 67 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9528BCPZ Datasheet(HTML) 67 Page - Analog Devices |
|
67 / 68 page ![]() AD9528 Data Sheet Rev. C | Page 66 of 67 Address Bits Bit Name Description 0 1 0 1 1 0 PLL2 REF divide by 2 0 1 0 1 1 1 PLL2 PFD up divide by 2 Note that all bit combinations after 010111 are reserved. 0x0507 [7:4] Reserved Reserved. 3 STATUS1 pin Output enable Enables the status on the STATUS1 pin. 1: enable status output. 0: disable status output. 2 STATUS0 pin Output enable Enables the status on the STATUS0 pin. 1: enable status output. 0: disable status output. 1 STATUS0 pin divider enable Enables a divide by 4 on the STATUS0 pin, allowing dynamic signals to be viewed at a lower frequency (such as the PFD input clocks). Not to be used with dc states on the status pins, which occur when the settings of Register 0x0505, Bits[5:0] are in the range of 000000 to 001111. 1: enabled. 0: disabled. 0 STATUS1 pin divider enable Enables a divide by 4 on the STATUS1 pin, allowing dynamic signals to be viewed at a lower frequency (such as the PFD input clocks). Not to be used with dc states on the status pins, which occur when the settings of Register 0x0506, Bits[5:0] are in the range of 000000 to 001111. 1: enable. 0: disable. Table 68. Readback Registers (Readback 0 and Readback 1) Address Bits Bit Name Description 0x0508 7 PLL2 feedback status 1 = correct. 0 = off/clocks are missing. 6 PLL1 feedback status 1 = correct. 0 = off/clocks are missing. 5 VCXO status 1 = correct. 0 = off/clocks are missing. 4 Both REFA/REFB missing 1 = off/clocks are missing. 0 = correct. 3 REFB status 1 = correct. 0 = off/clocks are missing. 2 REFA status 1 = correct. 0 = off/clocks are missing. 1 PLL2 locked status 1 = locked. 0 = unlocked. 0 PLL1 locked status 1 = locked. 0 = unlocked. 0x0509 [7:4] Reserved Reserved. 3 Holdover active status 1 = holdover is active (both references are missing). 0 = normal operation. 2 Selected reference Selected reference (applies only when the device automatically selects the reference; for example, not in manual control mode). 1 = REFB. 0 = REFA. 1 Fast Lock in progress 1 = fast lock in progress. 0 = fast lock not in progress. 0 VCO calibration busy status 1 = VCO calibration in progress. 0 = VCO calibration not in progress. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |